Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S75NS256NBGJWJZ2 Datasheet(PDF) 6 Page - SPANSION

Part # S75NS256NBGJWJZ2
Description  MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75NS256NBGJWJZ2 Datasheet(HTML) 6 Page - SPANSION

Back Button S75NS256NBGJWJZ2 Datasheet HTML 2Page - SPANSION S75NS256NBGJWJZ2 Datasheet HTML 3Page - SPANSION S75NS256NBGJWJZ2 Datasheet HTML 4Page - SPANSION S75NS256NBGJWJZ2 Datasheet HTML 5Page - SPANSION S75NS256NBGJWJZ2 Datasheet HTML 6Page - SPANSION S75NS256NBGJWJZ2 Datasheet HTML 7Page - SPANSION S75NS256NBGJWJZ2 Datasheet HTML 8Page - SPANSION S75NS256NBGJWJZ2 Datasheet HTML 9Page - SPANSION S75NS256NBGJWJZ2 Datasheet HTML 10Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4
S75NS-N
S75NS-N_00_01E May 3, 2006
Data
Sheet
(Adva n ce
In fo rma t io n)
3.
MCP Block Diagram
Figure 3.1 MCP Block Diagram
4.
Connection Diagrams/Physical Dimensions
This section contains the I/O designations and package specifications for the S71NS-N.
4.1
Special Handling Instructions for FBGA Packages
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning methods. The
package and/or data integrity may be compromised if the package body is exposed to temperatures above
150°C for prolonged periods of time.
A21-A22
A21-A22
F-RST#
RST#
A15-A0
ADQ15-ADQ 0
DQ15-DQ0
F-ACC
ACC
CLK
CLK
F-WP#
WP#
RDY
F-RDY/R-WAIT
F-CE#
CE#
OE#
OE#
WE#
WE#
A16-A20
A16-A20
AVD#
AVD#
VCC
VCC
VSS
VSS
VCCQ
VCCQ
VSSQ
VSSQ
R-UB#
UB#
A15-A0
DQ15-DQ0
R-LB#
LB#
CLK
WAIT
R-CE1#
CE#
OE#
WE#
A16-A20
AVD#
R-CRE
CRE
VCC
VSS
VCCQ
VSSQ
I/O0-I/O7
N-IO0 - N-IO7
N-RY/BY#
RB#
N-CLE
CLE
N-CE#
CE#
N-ALE
ALE
VSS
N-VSS
N-RE#
RE#
N-WP#
WP#
N-WE#
WE#
VCC
N-VCC
x8 ORNAND
Flash
Memory
Mux
FLASH
MEMORY
Mux Sync
pSRAM
MEMORY
N-PRE
PRE


Similar Part No. - S75NS256NBGJWJZ2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS128ND0ZFWNJ0 SPANSION-S75NS128ND0ZFWNJ0 Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S75NS128ND0ZFWNJ2 SPANSION-S75NS128ND0ZFWNJ2 Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S75NS128ND0ZFWNJ3 SPANSION-S75NS128ND0ZFWNJ3 Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S75NS128ND0ZFWNK0 SPANSION-S75NS128ND0ZFWNK0 Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S75NS128ND0ZFWNK2 SPANSION-S75NS128ND0ZFWNK2 Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
More results

Similar Description - S75NS256NBGJWJZ2

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-N-MCP SPANSION-S71NS-N-MCP Datasheet
351Kb / 12P
   MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29NS-N SPANSION-S29NS-N_07 Datasheet
1Mb / 86P
   256/128/64 Megabit (16/8/4M x 16-bit), CMOS 1.8 Volt-only Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com