Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S75PL127NDFJAWGZ0 Datasheet(PDF) 4 Page - SPANSION

Part # S75PL127NDFJAWGZ0
Description  Stacked Multi-Chip Product (MCP)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S75PL127NDFJAWGZ0 Datasheet(HTML) 4 Page - SPANSION

  S75PL127NDFJAWGZ0 Datasheet HTML 1Page - SPANSION S75PL127NDFJAWGZ0 Datasheet HTML 2Page - SPANSION S75PL127NDFJAWGZ0 Datasheet HTML 3Page - SPANSION S75PL127NDFJAWGZ0 Datasheet HTML 4Page - SPANSION S75PL127NDFJAWGZ0 Datasheet HTML 5Page - SPANSION S75PL127NDFJAWGZ0 Datasheet HTML 6Page - SPANSION S75PL127NDFJAWGZ0 Datasheet HTML 7Page - SPANSION S75PL127NDFJAWGZ0 Datasheet HTML 8Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2
S75PL-N MirrorBit
ORNANDMCPs
S75PL-N_00_01E April 21, 2006
Data
Sheet
( A dva n ce
I n f o r m a t i on)
1.
Ordering Information
The ordering part number is formed by a valid combination of the following:
S75PL
127
N
B
F
JF
W
GZ
0
PACKING TYPE
0 = Tray
2 = 7” Tape and Reel
3 = 13” Tape and Reel
MODEL NUMBER
Refer to the Valid Combinations table below
TEMPERATURE RANGE
W = Wireless (–25°C to +85°C)
PACKAGE TYPE AND MATERIAL
JA = MCP BGA, 1.4 mm height, 0.8 mm pitch, Lead (Pb)-free Compliant package
JF = MCP BGA, 1.4 mm height, 0.8 mm pitch, Lead (Pb)-free package
ORNAND DATA DENSITY
F = S30ML512P
G = S30ML01GP
pSRAM DENSITY
B = 32 Mb pSRAM
C = 64 Mb pSRAM
D = 128 Mb pSRAM
PROCESS TECHNOLOGY
N = 110 nm MirrorBit™ Technology
FLASH DENSITY
256 = 256 Mb
127 = 128 Mb (Single CE#)
DEVICE FAMILY
S75PL = 3.0 Volt-only Simultaneous Read/Write, Page Mode Flash Memory with Data storage
ORNAND and pSRAM


Similar Part No. - S75PL127NDFJAWGZ0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75PL127J SPANSION-S75PL127J Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBD SPANSION-S75PL127JBD Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB0 SPANSION-S75PL127JBDBAWB0 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB2 SPANSION-S75PL127JBDBAWB2 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
S75PL127JBDBAWB3 SPANSION-S75PL127JBDBAWB3 Datasheet
4Mb / 183P
   Power supply woltage of 2.7 to 3.1 volt
More results

Similar Description - S75PL127NDFJAWGZ0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S73WS256N SPANSION-S73WS256N Datasheet
5Mb / 251P
   Stacked Multi-Chip Product (MCP)
S71GL512NB0 SPANSION-S71GL512NB0 Datasheet
3Mb / 147P
   Stacked Multi-chip Product (MCP)
S71WS-N SPANSION-S71WS-N Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS-NX0 SPANSION-S71WS-NX0 Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S75WS256NXX SPANSION-S75WS256NXX Datasheet
3Mb / 216P
   Stacked Multi-Chip Product (MCP)
S71GLXXXNC0 SPANSION-S71GLXXXNC0 Datasheet
1Mb / 122P
   Stacked Multi-chip Product (MCP)
S71WS-J SPANSION-S71WS-J Datasheet
4Mb / 186P
   Stacked Multi-Chip Product (MCP)
S73WS-P SPANSION-S73WS-P Datasheet
233Kb / 10P
   Stacked Multi-Chip Product (MCP)
S75WS-N SPANSION-S75WS-N Datasheet
393Kb / 15P
   Stacked Multi-Chip Product (MCP)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com