Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP5030MTTXG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP5030MTTXG
Description  Buck?묪oost Converter to Drive a Single LED from Li?묲on or 3 Alkaline Batteries
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5030MTTXG Datasheet(HTML) 5 Page - ON Semiconductor

  NCP5030MTTXG Datasheet HTML 1Page - ON Semiconductor NCP5030MTTXG Datasheet HTML 2Page - ON Semiconductor NCP5030MTTXG Datasheet HTML 3Page - ON Semiconductor NCP5030MTTXG Datasheet HTML 4Page - ON Semiconductor NCP5030MTTXG Datasheet HTML 5Page - ON Semiconductor NCP5030MTTXG Datasheet HTML 6Page - ON Semiconductor NCP5030MTTXG Datasheet HTML 7Page - ON Semiconductor NCP5030MTTXG Datasheet HTML 8Page - ON Semiconductor NCP5030MTTXG Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
NCP5030
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS
(Limits apply for TA between −40°C to +85°C and Vin = 3.6 V unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Operational Power Supply
VIN
2.7
5.5
V
Maximum Inductor Current (Note 11) (See Figure 8)
IPEAK_MAX
−20%
4.0
+20%
A
Switches P1 and P2 ON Resistance
PMOS RDSON
100
m
W
Switches N1 and N2 ON Resistance
NMOS RDSON
100
m
W
Switches P1 and P2 Leakage Current
PMOS L
0.5
mA
Switches N1 and N2 Leakage Current
NMOS L
0.5
mA
Internal Oscillator Frequency (Note 8)
FOSC
600
700
800
MHz
Efficiency (Notes 9, 10 and 11)
EFF
85
%
Output Voltage Range (Note 11)
VOUT
2.2
5.5
V
VOUT−VIN Threshold to Change Mode from Boost to Buck−Boost
TBOOST
375
mV
VIN−VOUT Threshold to Change Mode from Buck−Boost to Buck
TBUCK
650
mV
Threshold to Change Mode Hysteresis
HMODE
100
mV
Available Output Power (Note 11)
When Vin ≥ 3.1 V (Vout = 4.7 V, 900 mA)
POUT
4.3
W
Feedback Voltage Threshold in Steady State at 25
°C
FBV
190
200
210
mV
Line Regulation, Measured on FB Pin (Note 8)
From DC to 100 Hz and RFB = 1 W
FBVLR
5.0
mV/V
Feedback Input Current
FBC
0.1
mA
Standby Current at IOUT = 0 mA, CTRL = Low, Vbat = 4.2 V
ISTB
0.3
3.0
mA
Quiescent Current Switching at IOUT = 0 mA, CTRL = High, Vbat = 4.2 V
(Note 12)
IQS
5.0
mA
VIN Undervoltage Lockout
Threshold to Enable the Converter
UVLO
2.2
2.4
2.6
V
Undervoltage Lockout Hysteresis
UVLOH
100
mV
Soft−start Time (Note 11)
SST
1000
ms
Limit of CTRL pin PWM Dimming Frequency (Note 11)
FDIM
0.2
kHz
Thermal Shutdown Protection
TSD
160
°C
Thermal Shutdown Protection Hysteresis
TSDH
20
°C
Voltage Input Logic Low
VIL
0.4
V
Voltage Input Logic High
VIH
1.2
V
CTRL Pin Pulldown Resistance
RCTRL
150
220
290
k
W
8. TA between −10°C to +85°C
9. Efficiency is defined by 100 * (Pout/Pin) at 25°C. Vin = 3.3 V, IOUT = 500 mA, Load = 1 LED (Vf = 3.9 V)
10. L = 4.7
mH (TDK RLF7030T−4R7M3R4), Cout = 22 mF X5R
11. Guaranteed by design and characterized.
12. The overall tolerance is dependent on the accuracy of the external resistor.


Similar Part No. - NCP5030MTTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5030MTTXGEVB ONSEMI-NCP5030MTTXGEVB Datasheet
192Kb / 14P
   Buck-Boost Converter to Drive a Single LED from 1 Li-Ion or 3 Alkaline Batteries
January, 2010 ??Rev. 2
More results

Similar Description - NCP5030MTTXG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5030MTTXGEVB ONSEMI-NCP5030MTTXGEVB Datasheet
192Kb / 14P
   Buck-Boost Converter to Drive a Single LED from 1 Li-Ion or 3 Alkaline Batteries
January, 2010 ??Rev. 2
logo
Dubilier
LR20X DUBILIER-LR20X Datasheet
90Kb / 1P
   BATTERIES ALKALINE
logo
Murata Manufacturing Co...
LR1130 MURATA1-LR1130 Datasheet
472Kb / 2P
   Alkaline manganese batteries
logo
ON Semiconductor
NCP1835B ONSEMI-NCP1835B Datasheet
150Kb / 17P
   Integrated Li?묲on Charger
February, 2006 ??Rev. 3
NCP1835_0603 ONSEMI-NCP1835_0603 Datasheet
152Kb / 16P
   Integrated Li?묲on Charger
May, 2006 ??Rev. 4
NCP1835BMNR2G ONSEMI-NCP1835BMNR2G Datasheet
112Kb / 14P
   Integrated Li?묲on Charger
September, 2006 ??Rev. 4
logo
Shenzhen Huazhimei Semi...
DW01V HMSEMI-DW01V Datasheet
499Kb / 10P
   Ideal protection circuit for single-cell Li-Ion or Li-Polymer batteries
logo
List of Unclassifed Man...
AL-AA ETC2-AL-AA Datasheet
233Kb / 16P
   Primary Batteries Alkaline, Heavy Duty
logo
Recom International Pow...
R-78S3.3-0.1-EVM-1 RECOM-R-78S3.3-0.1-EVM-1 Datasheet
609Kb / 5P
   3.3V from a single AA battery or from
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com