Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XFA-0401-1UH Datasheet(PDF) 1 Page - PREMIER DEVICES, INC.

Part # XFA-0401-1UH
Description  SURFACE MOUNT TRANSFORMER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

XFA-0401-1UH Datasheet(HTML) 1 Page - PREMIER DEVICES, INC.

  XFA-0401-1UH Datasheet HTML 1Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1860 Hartog Drive, San Jose, California 95131 USA
Tel: 001-408-436-7720
Fax: 001-408-436-7689
Email: Sales@premierdevices.com
Leffelholzstr. 20, D-90441, Nurnberg, Germany
Tel: +49(0)911/9411 233
Fax: +49(0)911/9411 198
Email: Sales.germany@premierdevices.com
2/1-2F, No.99 Lane 2535 Gudai Rd, Shanghai, China PC 201100
Tel: (86)21-5416-8648
Fax: (86)21-5416-8753
Email: Sales.china@premierdevices.com
XFA-0401-1UH
Features
SURFACE MOUNT TRANSFORMER
Frequency Range: 1.0 – 400 MHz
Impedance Ratio: 1:1, Unbalanced to Unbalanced
Industry Standard SMT package
Available in Tape-and -Reel
Low Cost
Description
The XFA-0401-1U transformer is designed for applications that
require small, low cost, and highly reliable surface mount components.
Applications may be found in broadband, wireless and other
communications systems. S-Parameters are available on request.
Specifications
Absolute Maximum Ratings
Schematic
Package – S06
Pin Functions
Typical Test Data – Insertion Loss of two units tested back-to-back @ 25°C. Primary Impedance 50 Ohms.
Specifications and information on this data sheet are subject to change without notice.
Parameter
Minimum
Maximum
Frequency Range (MHz)
1.0
400
Insertion Loss <1dB
-
-
Insertion Loss <2dB
2.0
200
Insertion Loss <3dB
1.0
400
Impedance ratio
1:1
Type
Unbalanced to Unbalanced
Parameter
Maximum
RF Power
+33 dBm
Operating Temperature
-55 to +100 °C
Storage Temperature
-55 to +100 °C
Re-flow Temperature
+ 240 °C
Function
Pin
SECONDARY
1
NC
2
SECONDARY DOT
3
PRIMARY DOT
4
NC
5
PRIMARY
6
Insertion Loss
-3
-2.5
-2
-1.5
-1
1
50.9
101
151
201
250
300
350
400
Fre que ncy (M Hz)
dB
S21


Similar Part No. - XFA-0401-1UH

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
XFA-0401-1U PDI-XFA-0401-1U Datasheet
50Kb / 1P
   SURFACE MOUNT TRANSFORMER
More results

Similar Description - XFA-0401-1UH

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
XFA-0101-25B PDI-XFA-0101-25B Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-25UH PDI-XFA-0101-25UH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4W PDI-XFA-0301-4W Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFK-0401-4W PDI-XFK-0401-4W Datasheet
52Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-1BH PDI-XFA-0101-1BH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-16U PDI-XFA-0101-16U Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-2WH PDI-XFA-0301-2WH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0301-4B PDI-XFA-0301-4B Datasheet
48Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0401-4WH PDI-XFA-0401-4WH Datasheet
53Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFM-0401-4W PDI-XFM-0401-4W Datasheet
51Kb / 1P
   SURFACE MOUNT TRANSFORMER
XFA-0101-25U PDI-XFA-0101-25U Datasheet
49Kb / 1P
   SURFACE MOUNT TRANSFORMER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com