Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XPD0250CT-001-C1SSAB Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # XPD0250CT-001-C1SSAB
Description  2.5 Gbps PIN-TIA module
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

XPD0250CT-001-C1SSAB Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  XPD0250CT-001-C1SSAB Datasheet HTML 1Page - List of Unclassifed Manufacturers XPD0250CT-001-C1SSAB Datasheet HTML 2Page - List of Unclassifed Manufacturers XPD0250CT-001-C1SSAB Datasheet HTML 3Page - List of Unclassifed Manufacturers XPD0250CT-001-C1SSAB Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2.5 Gbps PIN-TIA module – XPD0250CT-001
XL Photonics, Inc.
3
PIN CONFIGURATION
4 pin
5 pin
A1
AM
B1
BM
C1
CM
D1
DM
1
GND
GND
GND
GND
1
GND
GND
GND
GND
2 OUTQ
OUT
OUT
OUTQ
2
OUT
OUTQ
OUT
OUTQ
3
OUT
OUTQ
VCC
VCC
3
VCC
VCC
VPD
VPD
4
VCC
VCC
OUTQ
OUT
4
VPD
VPD
VCC
VCC
5
OUTQ
OUT
OUTQ
OUT
Symbol
Type
Description
GND
Ground
Ground
Vout
Output
Data output
Vcc
Supply
Supply voltage
Voutq
Output
Data reverse output
Vpd
Supply
PD bias voltage
Other pin configurations are available.
Please contact us for new pin configurations
custom ordered.
APPLICATIONS DIAGRAM
10μH
Zo=50Ω
Zo=50Ω
22 nF
680 nF
100nF
100nF 1
2
1
2
50Ω
50Ω
Vpd
transmission line
VPD
GND
OUTQ
OUT
XPD
*
*
10μH
VCC
Vcc
680 nF
N
* ecessary only for 5-pin type
22 nF
PRECAUTIONS FOR USE
ESD protection is imperative. Use of ground straps, anti static mats, and other standard ESD
protective equipment is recommended when handling or testing an InGaAs PIN/APD or any other
junction photodiode.
Soldering temperature of the leads should not exceed 260℃ for more than 10 seconds.
Fiber pigtails should be handled with less than 10 N pull and with a bending radius greater than 1
inch.


Similar Part No. - XPD0250CT-001-C1SSAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFAB ETC2-XPD0250CT-003-A1MFAB Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFAF ETC2-XPD0250CT-003-A1MFAF Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFAN ETC2-XPD0250CT-003-A1MFAN Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
XPD0250CT-003-A1MFPB ETC2-XPD0250CT-003-A1MFPB Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
More results

Similar Description - XPD0250CT-001-C1SSAB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XPD0250CT-003 ETC2-XPD0250CT-003 Datasheet
307Kb / 4P
   2.5 Gbps PIN-TIA module
logo
Source Photonics, Inc.
T-11-2500-D-SSC SOURCE-T-11-2500-D-SSC Datasheet
692Kb / 3P
   2.5 Gbps PIN-TIA Reciever Module-ROSA (5V)
logo
List of Unclassifed Man...
MG2C-8012 ETC-MG2C-8012 Datasheet
193Kb / 2P
   2.5 Gbps 850 nm PIN-TIA
logo
Unity Opto Technology
MCD-8T4C-511 UOT-MCD-8T4C-511 Datasheet
88Kb / 2P
   2.5 Gbps PIN-TIA (850nm) 3.3V
logo
Optoway Technology Inc
PT-9130 OPTOWAY-PT-9130 Datasheet
91Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA
PT-9330 OPTOWAY-PT-9330 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver
PT-9330 OPTOWAY-PT-9330_09 Datasheet
100Kb / 3P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH PIGTAIL
PT-9530 OPTOWAY-PT-9530 Datasheet
112Kb / 2P
   3.3V / 2.5 Gbps InGaAs PIN-TIA Receiver InGaAs PIN-TIA WITH RECEPTACLE
logo
Source Photonics, Inc.
T-11-2500A-R3-SFC SOURCE-T-11-2500A-R3-SFC Datasheet
506Kb / 2P
   2.5 Gbps PIN-TIA Receiver Modules (3.3 V)
T-11-2500A-R-SFC SOURCE-T-11-2500A-R-SFC Datasheet
576Kb / 2P
   PRELIMINARY - 2.5 Gbps PIN-TIA Receiver Modules (5 V)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com