Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T105L1T9AVKE Datasheet(PDF) 2 Page - ITT Industries

Part # T105L1T9AVKE
Description  Subminiature Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

T105L1T9AVKE Datasheet(HTML) 2 Page - ITT Industries

  T105L1T9AVKE Datasheet HTML 1Page - ITT Industries T105L1T9AVKE Datasheet HTML 2Page - ITT Industries T105L1T9AVKE Datasheet HTML 3Page - ITT Industries T105L1T9AVKE Datasheet HTML 4Page - ITT Industries T105L1T9AVKE Datasheet HTML 5Page - ITT Industries T105L1T9AVKE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
G–38
G
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K T Series
Subminiature Toggle Switches
SWITCH FUNCTION
DPDT
MOM. = Momentary
All models
with all options when ordered with G, L, R or Q contact material.
SPDT
SPST
2-1
2-1
3-1
N/A
OPEN
N/A
2-3
2-3
OPEN
ON
NONEON
ON
OFF
ON
MOM.
OFF
MOM.
ON
OFF
MOM.
OFF
NONEON
T101
T103
T105
T107
T102
SP
SCHEMATIC
CONNECTED TERMINALS
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
POS. 1
POS. 2
POS. 3
MODEL
NO.
NO.
POLES
C&K marking on opposite side
C&K marking on opposite side
SPDT
Part number shown: T101SHZQE
DPDT
2-1,5-4
2-1,5-4
N/A
OPEN
2-3,5-6
2-3,5-6
ON
NONEON
MOM.
OFF
MOM.
T201
T205
DP
Terminal Nos.
For Reference Only
Part number shown: T201SHZQE


Similar Part No. - T105L1T9AVKE

ManufacturerPart #DatasheetDescription
logo
C&K Components
T105 CK-COMPONENTS-T105 Datasheet
806Kb / 6P
   Subminiature Rocker Switches
logo
Inchange Semiconductor ...
T1050-8G ISC-T1050-8G Datasheet
227Kb / 2P
   isc Thyristors
logo
STMicroelectronics
T1050-8G STMICROELECTRONICS-T1050-8G Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
T1050-8G STMICROELECTRONICS-T1050-8G Datasheet
634Kb / 14P
   10 A SnubberlessTM, logic level and standard Triacs
February 2017 Rev 7
T1050-8G-TR STMICROELECTRONICS-T1050-8G-TR Datasheet
234Kb / 12P
   10 A Snubberless?? logic level and standard Triacs
Rev 9 - March 2019
More results

Similar Description - T105L1T9AVKE

ManufacturerPart #DatasheetDescription
logo
C&K Components
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
List of Unclassifed Man...
T101SHZQE ETC1-T101SHZQE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com