Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC14519BCP Datasheet(PDF) 4 Page - Motorola, Inc

Part # MC14519BCP
Description  4-Bit AND/OR Selector or Quad 2-Channel Data Selector or Quad Exclusive nor gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC14519BCP Datasheet(HTML) 4 Page - Motorola, Inc

  MC14519BCP Datasheet HTML 1Page - Motorola, Inc MC14519BCP Datasheet HTML 2Page - Motorola, Inc MC14519BCP Datasheet HTML 3Page - Motorola, Inc MC14519BCP Datasheet HTML 4Page - Motorola, Inc MC14519BCP Datasheet HTML 5Page - Motorola, Inc MC14519BCP Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MOTOROLA CMOS LOGIC DATA
MC14519B
4
TYPICAL CIRCUIT APPLICATIONS
DATA REGISTER SELECTION COMPARISON
DATA A
CLOCK A
RESET A
DATA B
CLOCK B
RESET B
4–BIT REGISTER A
Q1
Q2
Q3
Q4
Q1
Q2
Q3
Q4
4–BIT REGISTER B
DUAL 4–BIT REGISTER
MC14015B
CONTROL A
CONTROL B
A
B
X0
X1
X2
X3
Y0
Y1
Y2
Y3
INVERT
Z0
Z1
Z2
Z3
MC14519B
AND/OR SELECT/EXCL NOR
Q0
Q1
Q2
Q3
MC14070B
QUAD
EXCLUSIVE OR
CONVERSION TABLE
Operation Code
Output
Function
A
B
INV
Q0
Q1
Q2
Q3
Function
0
0
0
0
0
0
0
Inhibit, all zeros
0
0
1
1
1
1
1
Inhibit, all ones
1
0
0
X0
X1
X2
X3
Control A
1
0
1
X0
X1
X2
X3
Control A and Invert
0
1
0
Y0
Y1
Y2
Y3
Control B
0
1
1
Y0
Y1
Y2
Y3
Control B and Invert
1
1
0
X0
Y0
X1
Y1
X2
Y2
X3
Y3
Exclusive NOR
1
1
1
X0
Y0
X1
Y1
X2
Y2
X3
Y3
Exclusive OR
This device contains protection circuitry to guard against damage due to high static voltages or electric fields. However,
precautions must be taken to avoid applications of any voltage higher than maximum rated voltages to this high-impedance
circuit. For proper operation, Vin and Vout should be constrained to the range VSS ≤ (Vin or Vout) ≤ VDD.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either VSS or VDD). Unused outputs must
be left open.


Similar Part No. - MC14519BCP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190DT MOTOROLA-MC145190DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145190F MOTOROLA-MC145190F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191DT MOTOROLA-MC145191DT Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
MC145191F MOTOROLA-MC145191F Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
More results

Similar Description - MC14519BCP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD14519B HITACHI-HD14519B Datasheet
59Kb / 4P
   4-bit AND/OR Selector or Quadruple 2-Channel Data Selector or Quadruple Exclusive-NOR Gate
logo
List of Unclassifed Man...
74S135FC ETC-74S135FC Datasheet
57Kb / 1P
   QUAD EXCLUSIVE-OR / NOR GATE
logo
Harris Corporation
CD4070B HARRIS-CD4070B Datasheet
60Kb / 7P
   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
National Semiconductor ...
CD4070BM NSC-CD4070BM Datasheet
121Kb / 6P
   Quad 2-Input EXCLUSIVE-OR, NOR Gate
logo
Texas Instruments
CD4070B TI1-CD4070B Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070B TI-CD4070B Datasheet
68Kb / 8P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
CD4070BM96G4 TI-CD4070BM96G4 Datasheet
1Mb / 30P
[Old version datasheet]   CMOS Quad Exclusive-OR and Exclusive-NOR Gate
logo
Micro Electronics
MMC4070 MICRO-ELECTRONICS-MMC4070 Datasheet
125Kb / 3P
   QUAD EXCLUSIVE-OR GATE 4070, QUAD EXCLUSIVE-NOR GATE 4077
logo
Unisonic Technologies
U74ACT86 UTC-U74ACT86 Datasheet
133Kb / 4P
   QUAD EXCLUSIVE OR GATE
logo
STMicroelectronics
HCC4030B STMICROELECTRONICS-HCC4030B Datasheet
276Kb / 12P
   QUAD EXCLUSIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com