Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71NS064NA0 Datasheet(PDF) 6 Page - SPANSION

Part # S71NS064NA0
Description  MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71NS064NA0 Datasheet(HTML) 6 Page - SPANSION

Back Button S71NS064NA0 Datasheet HTML 2Page - SPANSION S71NS064NA0 Datasheet HTML 3Page - SPANSION S71NS064NA0 Datasheet HTML 4Page - SPANSION S71NS064NA0 Datasheet HTML 5Page - SPANSION S71NS064NA0 Datasheet HTML 6Page - SPANSION S71NS064NA0 Datasheet HTML 7Page - SPANSION S71NS064NA0 Datasheet HTML 8Page - SPANSION S71NS064NA0 Datasheet HTML 9Page - SPANSION S71NS064NA0 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
4
S71NS-N MCP Products
S71NS-N_00_A3 October 10, 2006
Ad van c e
Inf o rmation
3
MCP Block Diagram
Figure 3.1 MCP Block Diagram
Note: The CLK and WAIT signals on the pSRAM are not present on the pSRAM Type 2; therefore, for those
MCP's, those signals will only be connected to the NS flash, but not to the pSRAM. Also, on this pSRAM,
the CRE signal will not be present at all.
F-RST#
RST#
F-ACC
ACC
F-WP#
WP#
RDY
RDY/ WAIT
F-CE #
CE#
OE#
OE#
WE#
WE#
AD15-AD0
AD15-AD0
AVD #
AVD #
CLK
CLK
Amax-A16
Amax-A16
CRE
UB #
LB#
WAIT
R-CE#
CE #
OE#
WE#
AD15-AD0
AVD #
CLK
Amax-A16
NS
pSRAM
R-CRE
R-UB #
R-LB #


Similar Part No. - S71NS064NA0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS064JA0BJWRT0 SPANSION-S71NS064JA0BJWRT0 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS064JA0BJWRT2 SPANSION-S71NS064JA0BJWRT2 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS064JA0BJWRT3 SPANSION-S71NS064JA0BJWRT3 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71NS064NA0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com