Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP1347ZSL Datasheet(PDF) 4 Page - Anachip Corp

Part # AP1347ZSL
Description  Two Coil Fan Motor Predriver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANACHIP [Anachip Corp]
Direct Link  
Logo ANACHIP - Anachip Corp

AP1347ZSL Datasheet(HTML) 4 Page - Anachip Corp

  AP1347ZSL Datasheet HTML 1Page - Anachip Corp AP1347ZSL Datasheet HTML 2Page - Anachip Corp AP1347ZSL Datasheet HTML 3Page - Anachip Corp AP1347ZSL Datasheet HTML 4Page - Anachip Corp AP1347ZSL Datasheet HTML 5Page - Anachip Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AP1346/1347
Two Coil Fan Motor Predriver
Anachip Corp.
www.anachip.com.tw
Rev 0.0 Jun 9, 2004
4/5
Performance Characteristics
Ta (
°C)
25
50
60
70
80
85
90
Pd (mW)
550
440
396
352
308
286
264
Ta (
°C)
95
100
105
110
115
120
125
Pd (mW)
242
220
198
176
154
132
110
P o w e r D issip a tio n C u rve
0
100
200
300
400
500
600
0
2 5
5 0
7 5
1 00
125
150
Ta (。 C)
Pd (m W )
85
Note:SOP-8L package.
Marking Information
Blank : normal
L : Lead Free Package
Y: Year, "01"=2001
"02"=2002
WW: Xth week,01-52
34
2
1
876
5
SOP-8L
Part Number
Logo
Date code
X: internal code
AC
AP1347
YY WW X X
(Top View)
Note: For AP1346, part number is marked as AP1346.


Similar Part No. - AP1347ZSL

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AP134-501 ALPHA-AP134-501 Datasheet
344Kb / 5P
   Tri-Band HBT Power Amplifier Module
More results

Similar Description - AP1347ZSL

ManufacturerPart #DatasheetDescription
logo
Anachip Corp
AP1306 ANACHIP-AP1306 Datasheet
159Kb / 5P
   Two Coil Fan Motor Predriver
AP1307 ANACHIP-AP1307 Datasheet
161Kb / 5P
   Two Coil Fan Motor Predriver
logo
Texas Instruments
TMP821 TI1-TMP821 Datasheet
523Kb / 13P
[Old version datasheet]   TWO-PHASE HALF-WAVE MOTOR PREDRIVER
logo
Silicon Touch Technolog...
ST1114C SITI-ST1114C Datasheet
125Kb / 7P
   Double Coil Brushless DC Motor Predriver
logo
Melexis Microelectronic...
US62 MELEXIS-US62_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
US62 MELEXIS-US62 Datasheet
408Kb / 11P
   Two-coil fan driver
US63 MELEXIS-US63_14 Datasheet
795Kb / 11P
   Two-coil Fan Driver
logo
BCD Semiconductor Manuf...
AH9279 BCDSEMI-AH9279_11 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
AH9279 BCDSEMI-AH9279 Datasheet
352Kb / 11P
   TWO PHASE DUAL-COIL COMS SMART FAN MOTOR DRIVER
logo
Diodes Incorporated
AH9279 DIODES-AH9279 Datasheet
431Kb / 12P
   TWO PHASE DUAL-COIL CMOS SMART FAN MOTOR DRIVER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com