Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71NS256NB0BJWRT3 Datasheet(PDF) 4 Page - SPANSION

Part # S71NS256NB0BJWRT3
Description  MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71NS256NB0BJWRT3 Datasheet(HTML) 4 Page - SPANSION

  S71NS256NB0BJWRT3 Datasheet HTML 1Page - SPANSION S71NS256NB0BJWRT3 Datasheet HTML 2Page - SPANSION S71NS256NB0BJWRT3 Datasheet HTML 3Page - SPANSION S71NS256NB0BJWRT3 Datasheet HTML 4Page - SPANSION S71NS256NB0BJWRT3 Datasheet HTML 5Page - SPANSION S71NS256NB0BJWRT3 Datasheet HTML 6Page - SPANSION S71NS256NB0BJWRT3 Datasheet HTML 7Page - SPANSION S71NS256NB0BJWRT3 Datasheet HTML 8Page - SPANSION S71NS256NB0BJWRT3 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
2
S71NS-N MCP Products
S71NS-N_00_A3 October 10, 2006
Ad van c e
Inf o rmation
1
Ordering Information
The ordering part number is formed by a valid combination of the following:
Package Marking Note:
The package marking omits the leading S from the ordering part number.
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult
your local sales office to confirm availability of specific valid combinations and to check on newly
released combinations.
S71NS 128
N
C
0
BJ
W
R
N
0
Packing Type
0= Tray
2
= 7-inch Tape and Reel
3
= 13-inch Tape and Reel
RAM Supplier and Speed Combinations
N
= pSRAM Type 3, 70 ns, 66 MHz
T
= pSRAM Type 2, 70 ns, 66 MHz
Package Modifier
R
= 1.2 mm, 8.0 x 9.2, 56-ball VFBGA
V
= 1.2 mm, 11 x 10 mm, 60-ball VFBGA
Temperature Range
W
= Wireless (-25°C to +85°C)
Package Type
BJ
= Very Thin Fine-Pitch Ball Grid Array (VFBGA)
Lead (Pb)-free Package (LF35)
Chip Contents—2
No content
pSRAM Density
C = 64 Mb
B = 32 Mb
A = 16 Mb
Process Technology
N
= 110 nm MirrorBit Technology
Flash Density
256
= 256 Mb
128
= 128 Mb
064
= 64 Mb
Device Family
S71NS = Multi-Chip Product
1.8 Volt-only Simultaneous Read/Write Burst Mode
Multiplexed Flash Memory + pSRAM
Table 1.1 MCP Configurations and Valid Combinations
Base Ordering Part
Number (Note 2)
Package &
Temperature
Model
Number
Packing
Type
pSRAM Type
Flash Speed
Options
pSRAM Speed
Options
S71NS064NA0
BJW
RT
0, 1, 2
pSRAM Type 2
66 MHz
66 MHz
RN
pSRAM Type 3
66 MHz
66 MHz
S71NS128NA0
RN
pSRAM Type 3
66 MHz
66 MHz
S71NS128NB0
RN
pSRAM Type 3
66 MHz
66 MHz
S71NS128NC0
RN
pSRAM Type 3
66 MHz
66 MHz
S71NS256NB0
VN
pSRAM Type 3
66 MHz
66 MHz
S71NS256NC0
VN
pSRAM Type 3
66 MHz
66 MHz


Similar Part No. - S71NS256NB0BJWRT3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS032J80 SPANSION-S71NS032J80 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS032J80BJWRA SPANSION-S71NS032J80BJWRA Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS032JA0 SPANSION-S71NS032JA0 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71NS256NB0BJWRT3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com