Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

S71NS064NC0BJWRT3 Datasheet(PDF) 8 Page - SPANSION

Part No. S71NS064NC0BJWRT3
Description  MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SPANSION [SPANSION]
Homepage  http://www.spansion.com
Logo 

S71NS064NC0BJWRT3 Datasheet(HTML) 8 Page - SPANSION

 
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
6
S71NS-N MCP Products
S71NS-N_00_A3 October 10, 2006
Ad van c e
Inf o rmation
4.2.2
pSRAM Based Pinout, 60-Ball, VFBGA
Note: Addresses are shared between Flash and RAM depending on the density of the pSRAM.
Figure 4.2 pSRAM Based Pinout, 60-Ball, VFBGA
MCP
Flash-Only Addresses
Shared Addresses
Shared ADQ Pins
S71NS256NC0
A23-A22
A21–A16
ADQ15 – ADQ0
S71NS256NB0
A23-A21
A20-A16
ADQ15 – ADQ0
P1
NC
Flash/RAM
Shared Only
Flash Only
Legend
RAM Only
No Connect
(Distance between
outer NC balls
is 2x pitch)
Reserved for
Future Use
M3
NC
M16
NC
P18
NC
C16
NC
A18
NC
C3
NC
A1
NC
F5
F8
F7
F9
F10
F11
F12
F6
G5
G8
G7
G9
G10
G11
G12
G6
G13
G14
H5
H8
H7
H9
H10
H11
H12
H6
H13
H14
J5
J8
J7
J9
J10
J11
J12
J6
J13
J14
K5
K6
K13
K14
E5
E9
E13
NC
RFU
R-LB#
R-UB#
RFU
NC
F-RDY/
R-WAIT
A21
VSS
CLK
VCC
F-ACC
A19
F13
A17
A22
WE#
VCCQ
A16
A20
AVD#
A23
F-RST#
F-WP#
A18
F-CE#
VSSQ
VSS
A/DQ7
A/DQ6
A/DQ13 A/DQ12
A/DQ3
A/DQ2
A/DQ9
A/DQ8
OE#
A/DQ15 A/DQ14
VSSQ
A/DQ5
A/DQ4
A/DQ11 A/DQ10
VCCQ
A/DQ1
A/DQ0
NC
RFU
R-CE#
R-CRE
RFU
NC
E6
E10
E14
F14
K9
K10


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AM29BDS128H128 or 64 Megabit 8 M or 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreSPANSION
AM29BDS643G64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreSPANSION
AM29PDS322D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only 1.8 V to 2.2 V Simultaneous Read/Write Page-Mode Boot Sector Flash Memory 1 2 3 4 5 MoreSPANSION
AM29DS323D32 Megabit 4 M x 8-Bit/2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
AM29DS163D16 Megabit CMOS 1.8 Volt-only Simultaneous Operation Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
S29CD016J16 Megabit 512k x 32-Bit CMOS 2.6 or 3.3 Volt-only Burst Mode Dual Boot Simultaneous Read/Write Flash Memory 1 2 3 4 5 MoreSPANSION
AM29BDS643D64 Megabit 4 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices
S29CD-J32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write Dual Boot Burst Mode Flash Memory with VersatileI/O 1 2 3 4 5 MoreSPANSION
AM29PDL127H128 Megabit 8 M x 16-Bit CMOS 3.0 Volt-only Page Mode Simultaneous Read/Write Flash Memory with Enhanced VersatileIO Control 1 2 3 4 5 MoreSPANSION
AM29BDS323D32 Megabit 2 M x 16-Bit CMOS 1.8 Volt-only Simultaneous Read/Write Burst Mode Flash Memory 1 2 3 4 5 MoreAdvanced Micro Devices

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn