Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S72MS01GPF0HF04V3 Datasheet(PDF) 3 Page - SPANSION

Part # S72MS01GPF0HF04V3
Description  based MCP/PoP Products
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S72MS01GPF0HF04V3 Datasheet(HTML) 3 Page - SPANSION

  S72MS01GPF0HF04V3 Datasheet HTML 1Page - SPANSION S72MS01GPF0HF04V3 Datasheet HTML 2Page - SPANSION S72MS01GPF0HF04V3 Datasheet HTML 3Page - SPANSION S72MS01GPF0HF04V3 Datasheet HTML 4Page - SPANSION S72MS01GPF0HF04V3 Datasheet HTML 5Page - SPANSION S72MS01GPF0HF04V3 Datasheet HTML 6Page - SPANSION S72MS01GPF0HF04V3 Datasheet HTML 7Page - SPANSION S72MS01GPF0HF04V3 Datasheet HTML 8Page - SPANSION S72MS01GPF0HF04V3 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
This document contains information on one or more products under development at Spansion Inc. The information is intended to help you evaluate this product. Do not design in
this product without contacting the factory. Spansion Inc. reserves the right to change or discontinue work on this proposed product without notice.
Publication Number S72MS-P_00
Revision 01
Issue Date September 14, 2006
Features
Power supply voltage of 1.7 to 1.95V
Flash access time: 25 ns for ORNAND Flash
Mobile SDRAM burst frequency: 104 MHz (SDR), 133 MHz
(DDR)
ORNAND bus width: x8 or x16
Package:
11.0 x 13.0 mm MCP
Operating Temperature
–25°C to +85°C (wireless)
The S72MS series is a product line of stacked packages and consists of:
One or two NAND Interface ORNAND die
Separate bus for one or more Mobile SDRAM die
The products covered by this document are listed in the table below.
For detailed specifications, please refer to the individual data sheets.
S72MS-P based MCP/PoP Products
1.8 Volt-only x16 Flash Memory and SDRAM on Split Bus
NAND Interface ORNAND™ Flash on Bus 1
Mobile SDRAM on Bus 2
Data Sheet (Advance Information)
Device
ORNAND Flash Density
DRAM Density
1024Mb
512Mb
512Mb
256Mb
128Mb
S72MS512PE0HF94V
X (x8)
X (x16 SDR)
Document
Publication Identification Number (PID)
S30MS-P
S30MS-P_00
256 Mb Mobile SDR-DRAM Type 5
SDRAM_10


Similar Part No. - S72MS01GPF0HF04V3

ManufacturerPart #DatasheetDescription
logo
Heyco.
S7200 HEYCO-S7200 Datasheet
145Kb / 1P
   Preassembled Cordset Components
logo
Satco Products, Inc.
S7201 SATCO-S7201 Datasheet
131Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7202 SATCO-S7202 Datasheet
131Kb / 1P
   23 watt; PAR38 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
S7204 SATCO-S7204 Datasheet
131Kb / 1P
   15 watt; PAR30 Compact Fluorescent; 2700K; 82 CRI; Medium base; 120 volts
S7205 SATCO-S7205 Datasheet
131Kb / 1P
   15 watt; PAR30 Compact Fluorescent; 4100K; 82 CRI; Medium base; 120 volts
More results

Similar Description - S72MS01GPF0HF04V3

ManufacturerPart #DatasheetDescription
logo
SPANSION
S72WS-P SPANSION-S72WS-P Datasheet
662Kb / 17P
   based MCP/PoP Products
S72WS-N SPANSION-S72WS-N Datasheet
977Kb / 30P
   Based MCP/PoP Products
S75WS-P SPANSION-S75WS-P Datasheet
463Kb / 15P
   based MCP/POP Products
logo
International Rectifier
IRFP4228PBF IRF-IRFP4228PBF Datasheet
672Kb / 8P
   pop switch
logo
Integrated Silicon Solu...
IS31AP4915A ISSI-IS31AP4915A Datasheet
315Kb / 9P
   Pop reduction circuitry
logo
Samsung semiconductor
KBY00U00VA-B450 SAMSUNG-KBY00U00VA-B450 Datasheet
1Mb / 92P
   MCP Specification
logo
Nanya Technology Corpor...
NM1482KSLAXCL NANYA-NM1482KSLAXCL Datasheet
5Mb / 119P
   MCP Specification
NM4484NSPAXAE NANYA-NM4484NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
NM1281KSLAXAJ NANYA-NM1281KSLAXAJ Datasheet
5Mb / 118P
   MCP Specification
NM4482NSPAXAE NANYA-NM4482NSPAXAE Datasheet
12Mb / 381P
   MCP Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com