Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AME5110AEEV180Y Datasheet(PDF) 2 Page - Analog Microelectronics

Part # AME5110AEEV180Y
Description  600mA / 1.2MHz PWM Buck DC-DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME5110AEEV180Y Datasheet(HTML) 2 Page - Analog Microelectronics

  AME5110AEEV180Y Datasheet HTML 1Page - Analog Microelectronics AME5110AEEV180Y Datasheet HTML 2Page - Analog Microelectronics AME5110AEEV180Y Datasheet HTML 3Page - Analog Microelectronics AME5110AEEV180Y Datasheet HTML 4Page - Analog Microelectronics AME5110AEEV180Y Datasheet HTML 5Page - Analog Microelectronics AME5110AEEV180Y Datasheet HTML 6Page - Analog Microelectronics AME5110AEEV180Y Datasheet HTML 7Page - Analog Microelectronics AME5110AEEV180Y Datasheet HTML 8Page - Analog Microelectronics AME5110AEEV180Y Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
AME, Inc.
2
AME5110
600mA / 1.2MHz PWM
Buck DC-DC Converter
Rev. A.03
n Function Diagram
5
3
1
2
4
ERROR
AMP
AMP
OSC
COMP
AMP
R
S
LATCH
COMP
OUT-SENSE
0.6V
REF
RUN
Light-Load /
Short-Circuit
Frequency
Foldback
SYNC
SWITCH
GND
SW
V
IN
SLOPE
COMP
Q


Similar Part No. - AME5110AEEV180Y

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5104 AME-AME5104 Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV12AZ AME-AME5104ACDV12AZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV330Z AME-AME5104ACDV330Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDV500Z AME-AME5104ACDV500Z Datasheet
87Kb / 12P
   DC/DC Buck Converter
AME5104ACDVADJZ AME-AME5104ACDVADJZ Datasheet
87Kb / 12P
   DC/DC Buck Converter
More results

Similar Description - AME5110AEEV180Y

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7551U ACE-ACE7551U Datasheet
180Kb / 3P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
VER 1.1
logo
Union Semiconductor, In...
UM3501 UNIONSEMI-UM3501_15 Datasheet
445Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
UM3501 UNIONSEMI-UM3501 Datasheet
382Kb / 11P
   600mA, 1.2MHz, Synchronous Step-Down DC-DC Converter
logo
ACE Technology Co., LTD...
ACE721A ACE-ACE721A Datasheet
226Kb / 8P
   1.2MHz, 800mA SYNCHRONOUS DC-DC BUCK CONVERTER
VER 1.3
logo
Bookly Micro electronic
BM1509HV BOOKLY-BM1509HV Datasheet
656Kb / 6P
   PWM BUCK DC/DC CONVERTER
logo
ACE Technology Co., LTD...
ACE722A ACE-ACE722A Datasheet
179Kb / 9P
   2A PWM BUCK DC-DC Converter
VER 1.2
logo
Diodes Incorporated
AP1501A DIODES-AP1501A_17 Datasheet
367Kb / 13P
   5A PWM BUCK DC/DC CONVERTER
AP1506 DIODES-AP1506_17 Datasheet
449Kb / 14P
   3A PWM BUCK DC/DC CONVERTER
logo
Unisonic Technologies
P3576 UTC-P3576_18 Datasheet
145Kb / 6P
   2A PWM BUCK DC/DC CONVERTER
logo
Diodes Incorporated
AP1507 DIODES-AP1507_18 Datasheet
301Kb / 12P
   3A PWM BUCK DC/DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com