Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD032J0JFFM102 Datasheet(PDF) 11 Page - SPANSION

Part # S29CD032J0JFFM102
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD032J0JFFM102 Datasheet(HTML) 11 Page - SPANSION

Back Button S29CD032J0JFFM102 Datasheet HTML 7Page - SPANSION S29CD032J0JFFM102 Datasheet HTML 8Page - SPANSION S29CD032J0JFFM102 Datasheet HTML 9Page - SPANSION S29CD032J0JFFM102 Datasheet HTML 10Page - SPANSION S29CD032J0JFFM102 Datasheet HTML 11Page - SPANSION S29CD032J0JFFM102 Datasheet HTML 12Page - SPANSION S29CD032J0JFFM102 Datasheet HTML 13Page - SPANSION S29CD032J0JFFM102 Datasheet HTML 14Page - SPANSION S29CD032J0JFFM102 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
September 27, 2006 S29CD-J_CL-J_00_B1
S29CD-J & S29CL-J Flash Family
9
Da ta
Shee t
(Prelim i nar y )
5.
Physical Dimensions/Connection Diagrams
5.1
80-Pin PQFP Connection Diagram
Notes
1. On 16 Mb device, pin 44 (A19) is NC.
2. Pin 69 (RY/BY#) is Open Drain and requires an external pull-up resistor.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
DQ16
DQ17
DQ18
DQ19
VCCQ
VSS
DQ20
DQ21
DQ22
DQ23
DQ24
DQ25
DQ26
DQ27
VCCQ
VSS
DQ28
DQ29
DQ30
DQ31
NC
A0
A1
A2
DQ15
DQ14
DQ13
DQ12
VSS
VCCQ
DQ11
DQ10
DQ9
DQ8
DQ7
DQ6
DQ5
DQ4
VSS
VCCQ
DQ3
DQ2
DQ1
DQ0
A19
A18
A17
A16
807978 77 76 75 74 73 72 71 70 69 68 67 66 ?65
25
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
26 27 28 29 30 31 32 33 34 35 36 37 38 3940
80-Pin PQFP


Similar Part No. - S29CD032J0JFFM102

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD032J SPANSION-S29CD032J Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
More results

Similar Description - S29CD032J0JFFM102

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com