Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T102P3T9AKE Datasheet(PDF) 1 Page - ITT Industries

Part # T102P3T9AKE
Description  Subminiature Toggle Switches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

T102P3T9AKE Datasheet(HTML) 1 Page - ITT Industries

  T102P3T9AKE Datasheet HTML 1Page - ITT Industries T102P3T9AKE Datasheet HTML 2Page - ITT Industries T102P3T9AKE Datasheet HTML 3Page - ITT Industries T102P3T9AKE Datasheet HTML 4Page - ITT Industries T102P3T9AKE Datasheet HTML 5Page - ITT Industries T102P3T9AKE Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
G–37
G
Dimensions are shown: Inch (mm)
Specifications and dimensions subject to change
www.ittcannon.com
C&K T Series
Subminiature Toggle Switches
Features/Benefits
Compact size—small footprint
Single and double pole models
PC and panel mount
options available
RoHS compliant models available
Typical Applications
Hand-held telecommunications
Instrumentation
Medical equipment
Specifications
CONTACT RATING: B contact material: 0.4 VA max. @ 20 V AC or
DC max. Q contact material (TX01 models): 3 AMPS @
120 V AC or 28 V DC. All other models: 2 AMPS @
120 V AC or 28 V DC. See page G-42 for additional ratings.
ELECTRICAL LIFE: TX01 models: 60,000 make-and-break
cycles at full load. All other models: 30,000 cycles.
CONTACT RESISTANCE: Below 20 m
Ω typ. initial @
2-4 V DC, 100 mA, for both silver and gold plated contacts.
INSULATION RESISTANCE: 109
Ω min.
DIELECTRIC STRENGTH: 1000 Vrms min. @ sea level.
OPERATING TEMPERATURE: –30ºC to 85ºC.
SOLDERABILITY: Per MIL-STD-202F method 208D, or
EIA RS-186E method 9 (1 hour steam aging).
NOTE: Any models supplied with P, R, Q, B or G contact material are RoHS compliant
and compatible. For the latest information regarding RoHS compliance, please go to:
www.ittcannon.com/rohs.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Materials
CASE: Glass filled nylon 6/6, flame retardant, heat stabilized or
diallyl phthalate (DAP), (UL 94V-0).
ACTUATOR: Brass, chrome plated.
BUSHING: Brass, nickel plated.
HOUSING: Stainless steel.
SWITCH SUPPORT: Brass, matte-tin plated.
END CONTACTS: B contact material: Copper alloy, with gold plate
over nickel plate. Q contact material: Coin silver, silver plated.
See above for additional contact materials.
CENTER CONTACTS & TERMINALS: B contact material: Copper alloy,
with gold plate over nickel plate. Q contact material: Copper alloy,
silver plated. See page G-42 for additional contact materials.
TERMINAL SEAL: Epoxy.
HARDWARE: Nut & Locking Ring: Brass, nickel plated.
Lockwasher: Steel, nickel plated. Additional hardware available
separately, see Section O.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown and
described on pages G-37 thru G-42. For additional options not shown in catalog, consult Customer Service Center. All models
have epoxy terminal seal and are compatible with all “bottom-wash” PCB cleaning methods.
Switch Function
T101 SPDT On-None-On
T102 SPDT Off-None-On
T103 SPDT On-Off-On
T105 SPDT Mom.-Off-Mom.
T107 SPDT On-Off-Mom.
T201 DPDT On-None-On
T205 DPDT Mom.-Off-Mom.
Actuator
P3 Flatted,
anti-rotation,
.490" high
S
.370" high
K
Locking lever, round tip
L1 .620" high
M1 .220" high
S1 .410" high
Terminations
A
Right angle, PC thru-hole
AV Vertical right angle,
PC thru-hole
C
PC Thru-hole
V3 Vertical mount V-bracket
Z
Solder lug
W Wire wrap
Bushing
H
.220" high, threaded, flat
H9 .220" high, unthreaded, flat
CF Splashproof, .310" high, threaded, flat
D9 .260" high, unthreaded, keyway
T
.310" high, threaded, flat
T9 .310" high, unthreaded, flat
TD .260" high, threaded, keyway
TK .310" high, threaded, keyway
Y
.220" high, threaded, keyway
Y9 .220" high, unthreaded, keyway
Contact Material
B Gold
K Gold, tin-lead
P Gold, matte tin
Q Silver
G Gold over silver
L
Gold over silver, tin-lead
R Gold over silver, matte-tin
Seal
E Epoxy
Models Available


Similar Part No. - T102P3T9AKE

ManufacturerPart #DatasheetDescription
logo
C&K Components
T102 CK-COMPONENTS-T102 Datasheet
806Kb / 6P
   Subminiature Rocker Switches
logo
STMicroelectronics
T1020-600W STMICROELECTRONICS-T1020-600W Datasheet
119Kb / 5P
   SNUBBERLESS TRIAC
logo
Littelfuse
T10200 LITTELFUSE-T10200 Datasheet
177Kb / 1P
   Solid-State On-Delay Timer
2019 Rev: 2-B-043019
logo
E-SWITCH
T102022 E-SWITCH-T102022 Datasheet
36Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
T102024 E-SWITCH-T102024 Datasheet
39Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
More results

Similar Description - T102P3T9AKE

ManufacturerPart #DatasheetDescription
logo
C&K Components
T CK-COMPONENTS-T_V01 Datasheet
966Kb / 6P
   Subminiature Toggle Switches
15 Jan 21
logo
List of Unclassifed Man...
T101SHZQE ETC1-T101SHZQE Datasheet
641Kb / 7P
   Subminiature Toggle Switches
logo
C&K Components
T101P3HABE CK-COMPONENTS-T101P3HABE Datasheet
471Kb / 6P
   Subminiature Toggle Switches
logo
ITT Industries
ET01MD1ABE ITT-ET01MD1ABE Datasheet
694Kb / 7P
   Sealed Subminiature Toggle Switches
logo
C&K Components
ET01MD1ABE2 CK-COMPONENTS-ET01MD1ABE2 Datasheet
460Kb / 7P
   Sealed Subminiature Toggle Switches
ETTOGGLE CK-COMPONENTS-ETTOGGLE Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
ET01MD1SAPE CK-COMPONENTS-ET01MD1SAPE Datasheet
483Kb / 7P
   Sealed Subminiature Toggle Switches
ET CK-COMPONENTS-ET Datasheet
882Kb / 7P
   Sealed Subminiature Toggle Switches
26 Mar 21
logo
Copal Electronics
ATE COPAL-ATE Datasheet
874Kb / 10P
   Subminiature Toggle Switch
logo
List of Unclassifed Man...
1MD1T2B4M6RE ETC2-1MD1T2B4M6RE Datasheet
376Kb / 18P
   Toggle Switches
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com