Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AL260 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AL260
Description  Video Enhancement Processor
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AL260 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AL260 Datasheet HTML 3Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 4Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 5Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 6Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 7Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 8Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 9Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 10Page - List of Unclassifed Manufacturers AL260 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
AL260
©2002,2003-Copyright by AverLogic Technologies, Corp.
Version B1.0
7
3.2Feature Description:
Input Interface
NTSC/PAL support
Video interface ITU-R 601/656(8/16bit), YUV422 support
Output Interface
Output resolution up to 1280x1024 @60Hz
Analog non-interlaced RGB/YPbPr output supported
SDRAM Interface
Support maximum 32bit bus width SDRAM interface, two SDRAMs configuration up to 125 MHz
supported
De-interlacing and Scan Rate Conversion
De-Interlacing for Interlaced Video Input
Motion Compensation De-interlacing with Spatial and Temporal Filtering support
Film Detection with Inverse 3:2 & 2:2 pull down
Frame Rate Conversion(FRC) from 50Hz up to 120Hz
Scaling Engine and Video Processing
Independent Scale Up and Down in both Horizontal and Vertical direction with 4-line, high precision
interpolation
Digital Brightness/Contrast/Saturation Control
Keystone Correction for Front-Projection Systems
Sharpness Control
Built-in LUT for Gamma Correction and Color Adjustment
Dithering Logic for Color Depth Enhancement
I2C or Parallel Port Registers Access
Registers can be accessed by serial I2C port or 8 bit parallel port for high speed registers data
update
On Screen Display (OSD)
2K Bytes Internal OSD RAM for fine bitmaps and text font


Similar Part No. - AL260

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL260 AVERLOGIC-AL260 Datasheet
83Kb / 1P
   Video Enhancement Processor
AL260-EVB-A5 AVERLOGIC-AL260-EVB-A5 Datasheet
1Mb / 12P
   Evaluate Board
AL260-EVB-A6 AVERLOGIC-AL260-EVB-A6 Datasheet
1Mb / 12P
   Evaluate Board
AL260-EVB-A8 AVERLOGIC-AL260-EVB-A8 Datasheet
1Mb / 12P
   Evaluate Board
More results

Similar Description - AL260

ManufacturerPart #DatasheetDescription
logo
AverLogic Technologies ...
AL260 AVERLOGIC-AL260 Datasheet
83Kb / 1P
   Video Enhancement Processor
logo
NXP Semiconductors
SAA9065 PHILIPS-SAA9065 Datasheet
852Kb / 18P
   Video enhancement and D/A processor(VEDA)
April 1993
logo
Siemens Semiconductor G...
SDA5248 SIEMENS-SDA5248 Datasheet
2Mb / 65P
   VIDEO PROCESSOR
logo
Renesas Technology Corp
TW8849 RENESAS-TW8849 Datasheet
207Kb / 3P
   Video Processor with LVDS Interfaces, Image Enhancement, and Video Integrity Diagnostics
logo
Hynix Semiconductor
GDC21D701C HYNIX-GDC21D701C Datasheet
540Kb / 67P
   Video Display Processor
logo
Micronas
VDP31XXB MICRONAS-VDP31XXB Datasheet
597Kb / 72P
   Video Processor Family
logo
NXP Semiconductors
SAA5191 PHILIPS-SAA5191 Datasheet
54Kb / 9P
   Teletext video processor
March 1991
logo
Silicon image
SII8200 SILICONIMAGE-SII8200 Datasheet
242Kb / 2P
   Advanced Video Processor
logo
List of Unclassifed Man...
ET4000V33 ETC1-ET4000V33 Datasheet
5Mb / 92P
   Video Image Processor
logo
Micronas
VDP313XY MICRONAS-VDP313XY Datasheet
1Mb / 76P
   Video Processor Family
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com