Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8817 Datasheet(PDF) 19 Page - Asahi Kasei Microsystems

Part # AK8817
Description  NTSC/PAL Digital Video Encoder
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK8817 Datasheet(HTML) 19 Page - Asahi Kasei Microsystems

Back Button AK8817 Datasheet HTML 15Page - Asahi Kasei Microsystems AK8817 Datasheet HTML 16Page - Asahi Kasei Microsystems AK8817 Datasheet HTML 17Page - Asahi Kasei Microsystems AK8817 Datasheet HTML 18Page - Asahi Kasei Microsystems AK8817 Datasheet HTML 19Page - Asahi Kasei Microsystems AK8817 Datasheet HTML 20Page - Asahi Kasei Microsystems AK8817 Datasheet HTML 21Page - Asahi Kasei Microsystems AK8817 Datasheet HTML 22Page - Asahi Kasei Microsystems AK8817 Datasheet HTML 23Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 43 page
background image
ASAHI KASEI
[AK8817]
MS0413-E-00
19
2005 / Aug
(14-2) Video Interface mode
The AK8817 synchronizes with input signal by the following, 2 interface modes.
(a) Slave-mode interface where synchronization is made with externally-fed synchronization signals HDI / VDI
( HDI / VDI interface )
(b) ITU-R BT.656 Interface mode ( 656 interface )
interface mode setting is controlled by [REC656]-bit of Control 2 Register.
REC656-bit
Operation
0
HDI / VDI Slave mode
1
ITU-R BT.656 Interface mode
(a-1) Timing signal ( HDI / VDI ) VS Data input relation
Horizontal Synchronization ( in-line Pixel Sync ) is made with HDI synchronization timing signal.
Vertical Synchronization ( in-line Frame Line Sync ) is made with VDI synchronization timing signal.
Recognition of Video Field ( Odd Field or Even Field ) is made by VDI input signal which is referenced with HDI.
In normal operation, the AK8817 checks changes of HDI and VDI at the clock edge ( CLK synchronization )
which becomes a data capture reference position.
At a pixel position where HDI is judged to become “ Low “, it is recognized as 0H (zero th position ).
Cb0 data position depends on input data rate ( ITU-R BT.601 or Square Pixel data ).
Cb0 Data
At ITU-R BT.601 Data input
At Square Pixel data input
NTSC Encoder
244
th data
236
th data
PAL Encoder
264
th data
310
th data
Video Field is recognized by the VDI relation with HDI.
Field recognition is made as follows :
The AK8817 distinguishes at every Field if it is Odd Field ( 1
st Field ) or not. Even Field Sync signal is not usually input.
1 ) Recognition timing of Odd Field is decided by those timing signal relations which are fed on HDI and VDI pins.
When the VDI falling pulse is input on VDI input pin during the time from 3 clocks prior to the falling edge of
HDI timing pulse which is fed on HDI input till 3 clocks prior to the rising edge of HDI timing pulse, the Line is
recognized to be Line 4.
HDI
Line4/Line1(NTSC/PAL)
Line5/Line2(NTSC/PAL)
VDI
3CLK
3CLK
Line6/Line3(NTSC/PAL)
2 ) Whenever Horizontal / Vertical SYNC signal inputs are not fed as expected in the Video Specifications, in term of
timing and # of pulses ( kept at “ High “ level ), the AK8817 continues to self-run the operation which is based on the Sync
signals, fed just before.
But it is recommended to feed Sync signals as specified every time in order to prevent erroneous operation.
3 ) VD pulse input at other than Odd Field synchronization is ignored ( Synchronization is made with Odd Field only ).


Similar Part No. - AK8817

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8817 AKM-AK8817 Datasheet
449Kb / 44P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
432Kb / 50P
   NTSC/PAL Digital Video Encoder
AK8817VG AKM-AK8817VG Datasheet
449Kb / 44P
   NTSC/PAL Digital Video Encoder
AK8817VG AKM-AK8817VG Datasheet
401Kb / 43P
   NTSC/PAL Digital Video Encoder
AK8817VG AKM-AK8817VG Datasheet
432Kb / 50P
   NTSC/PAL Digital Video Encoder
More results

Similar Description - AK8817

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811 Datasheet
377Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com