Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71WS512N80BFIZZ0 Datasheet(PDF) 1 Page - SPANSION

Part # S71WS512N80BFIZZ0
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM CMOS 1.8 Volt
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS512N80BFIZZ0 Datasheet(HTML) 1 Page - SPANSION

  S71WS512N80BFIZZ0 Datasheet HTML 1Page - SPANSION S71WS512N80BFIZZ0 Datasheet HTML 2Page - SPANSION S71WS512N80BFIZZ0 Datasheet HTML 3Page - SPANSION S71WS512N80BFIZZ0 Datasheet HTML 4Page - SPANSION S71WS512N80BFIZZ0 Datasheet HTML 5Page - SPANSION S71WS512N80BFIZZ0 Datasheet HTML 6Page - SPANSION S71WS512N80BFIZZ0 Datasheet HTML 7Page - SPANSION S71WS512N80BFIZZ0 Datasheet HTML 8Page - SPANSION S71WS512N80BFIZZ0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 142 page
background image
Publication Number S71WS512NE0BFWZZ_00
Revision A Amendment 1 Issue Date June 28, 2004
ADVANCE
INFORMATION
DISTINCTIVE CHARACTERISTICS
MCP Features
Operating Voltage Range of 1.65 to 1.95 V
High Performance
— Speed: 54MHz
Packages
— 96-ball FBGA—9 x 12 mm
Operating Temperatures
— Wireless: –25°C to +85°C
GENERAL DESCRIPTION
The S71WS512 Series is a product line of stacked Multi-Chip
Products (MCP) and consists of
One or more S29WS256N
(Simultaneous Operation, Burst Mode) Flash Die
pSRAM options
— 128Mb pSRAM
The products covered by this document are listed below. For
details about their specifications, please refer to the individual
constituent data sheets for further details.
MCP
Number of S29WSxxxN
Total Flash Density
pSRAM Density
S71WS512NE0
2
512Mb
256Mb
Notes:
1. This MCP is only guaranteed to operate @ 1.65 - 1.95 V regardless of component operating ranges.
S71WS512NE0BFWZZ
Stacked Multi-Chip Product (MCP) Flash Memory
and pSRAM CMOS 1.8 Volt,
Simultaneous Operation, Burst Mode Flash Memory
and Pseudo-Static RAM


Similar Part No. - S71WS512N80BFIZZ0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS512N SPANSION-S71WS512N Datasheet
572Kb / 18P
   Migrating from the S71WS512N to the S71WS512P
S71WS512N SPANSION-S71WS512N Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS512NB0BAWAJ0 SPANSION-S71WS512NB0BAWAJ0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NB0BAWAJ2 SPANSION-S71WS512NB0BAWAJ2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NB0BAWAJ3 SPANSION-S71WS512NB0BAWAJ3 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71WS512N80BFIZZ0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S71PL129JC0 SPANSION-S71PL129JC0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
AM49BDS640AH SPANSION-AM49BDS640AH Datasheet
1Mb / 84P
   Stacked Multichip Package (MCP), Flash Memory and pSRAM CMOS 1.8 Volt-only Simultaneous Read/Write
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com