Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71NS064NA0BJWRT0 Datasheet(PDF) 7 Page - SPANSION

Part # S71NS064NA0BJWRT0
Description  MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71NS064NA0BJWRT0 Datasheet(HTML) 7 Page - SPANSION

Back Button S71NS064NA0BJWRT0 Datasheet HTML 3Page - SPANSION S71NS064NA0BJWRT0 Datasheet HTML 4Page - SPANSION S71NS064NA0BJWRT0 Datasheet HTML 5Page - SPANSION S71NS064NA0BJWRT0 Datasheet HTML 6Page - SPANSION S71NS064NA0BJWRT0 Datasheet HTML 7Page - SPANSION S71NS064NA0BJWRT0 Datasheet HTML 8Page - SPANSION S71NS064NA0BJWRT0 Datasheet HTML 9Page - SPANSION S71NS064NA0BJWRT0 Datasheet HTML 10Page - SPANSION S71NS064NA0BJWRT0 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
October 10, 2006 S71NS-N_00_A3
S71NS-N MCP Products
5
Advance
Information
4
Connection Diagrams/Physical Dimensions
This section contains the I/O designations and package specifications for the S71NS-N.
4.1
Special Handling Instructions for FBGA Packages
Special handling is required for Flash Memory products in FBGA packages.
Flash memory devices in FBGA packages may be damaged if exposed to ultrasonic cleaning meth-
ods. The package and/or data integrity may be compromised if the package body is exposed to
temperatures above 150°C for prolonged periods of time.
4.2
Connection Diagrams
4.2.1
pSRAM Based Pinout, 56-Ball, VFBGA
Notes:
1. Addresses are shared between Flash and RAM depending on the density of the pSRAM.
2. CLK and WAIT signals are Flash only for the S71NS064NA0-RT, while on that MCP, the CRE signal won't exist.
Figure 4.1 pSRAM Based Pinout, 56-Ball, VFBGA
MCP
Flash-Only Addresses
Shared Addresses
Shared ADQ Pins
S71NS128NC0
A22
A21-A16
ADQ15 – ADQ0
S71NS128NB0
A22-A21
A20-A16
ADQ15 – ADQ0
S71NS128NA0
A22-A20
A19-A16
ADQ15 – ADQ0
S71NS064NA0
A21-A20
A19-A16
ADQ15 – ADQ0
Flash/RAM
Shared Only
Flash Only
Legend
RAM Only
No Connect
(Distance between
outer NC balls
is 2x pitch)
Reserved for
Future Use
K3
NC
K14
NC
A14
NC
A1
NC
D3
D6
D5
D7
D8
D9
D10
D4
E3
E6
E5
E7
E8
E9
E10
E4
E11
E12
F3
F6
F5
F7
F8
F9
F10
F4
F11
F12
G3
G6
G5
G7
G8
G9
G10
G4
G11
G12
H3
H4
H11
H12
C3
C7
C11
NC
RFU
R-LB#
R-UB#
RFU
NC
F-RDY/
R-WAIT
A21
VSS
CLK
VCC
F-ACC
A19
D11
A17
A22
WE#
VCCQ
A16
A20
AVD#
DNU
F-RST# F-WP#
A18
F-CE#
VSSQ
VSS
A/DQ7
A/DQ6 A/DQ13 A/DQ12 A/DQ3
A/DQ2
A/DQ9
A/DQ8
OE#
A/DQ15 A/DQ14
VSSQ
A/DQ5
A/DQ4 A/DQ11 A/DQ10
VCCQ
A/DQ1
A/DQ0
NC
RFU
R-CE#
R-CRE
RFU
NC
C4
C8
C12
D12
H7
H8
56-ball Fine-Pitch Ball Grid Array
pSRAM-Based Pinout
(Top View, Balls Facing Down)


Similar Part No. - S71NS064NA0BJWRT0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS064JA0BJWRT0 SPANSION-S71NS064JA0BJWRT0 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS064JA0BJWRT2 SPANSION-S71NS064JA0BJWRT2 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS064JA0BJWRT3 SPANSION-S71NS064JA0BJWRT3 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71NS064NA0BJWRT0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com