Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71NS256NB0BJWVN0 Datasheet(PDF) 5 Page - SPANSION

Part # S71NS256NB0BJWVN0
Description  MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71NS256NB0BJWVN0 Datasheet(HTML) 5 Page - SPANSION

  S71NS256NB0BJWVN0 Datasheet HTML 1Page - SPANSION S71NS256NB0BJWVN0 Datasheet HTML 2Page - SPANSION S71NS256NB0BJWVN0 Datasheet HTML 3Page - SPANSION S71NS256NB0BJWVN0 Datasheet HTML 4Page - SPANSION S71NS256NB0BJWVN0 Datasheet HTML 5Page - SPANSION S71NS256NB0BJWVN0 Datasheet HTML 6Page - SPANSION S71NS256NB0BJWVN0 Datasheet HTML 7Page - SPANSION S71NS256NB0BJWVN0 Datasheet HTML 8Page - SPANSION S71NS256NB0BJWVN0 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
October 10, 2006 S71NS-N_00_A3
S71NS-N MCP Products
3
Advance
Information
2
Input/Output Descriptions
Table 2.1 identifies the input and output package connections provided on the device.
Table 2.1 Input/Output Descriptions
Symbol
Description
Flash
RAM
AMAX – A16
Address inputs
XX
ADQ15 – ADQ0
Multiplexed Address/Data
X
X
OE#
Output Enable input. Asynchronous relative to CLK for the Burst mode.
X
X
WE#
Write Enable input.
X
X
VSS
Ground
XX
NC
No Connect; not connected internally
X
X
RDY
Ready output. Indicates the status of the Burst read. The WAIT# pin of the
pSRAM is tied to RDY.
XX
CLK
Clock input. In burst mode, after the initial word is output, subsequent
active edges of CLK increment the internal address counter. Should be at
VIL or VIH while in asynchronous mode
XX
AVD#
Address Valid input. Indicates to device that the valid address is present
on the address inputs.
Low = for asynchronous mode, indicates valid address; for burst mode,
causes starting address to be latched.
High = device ignores address inputs
XX
F-RST#
Hardware reset input. Low = device resets and returns to reading array
data
X
F-WP#
Hardware write protect input. At VIL, disables program and erase functions
in the four outermost sectors. Should be at VIH for all other conditions.
X
F-ACC
Accelerated input. At VHH, accelerates programming; automatically places
device in unlock bypass mode. At VIL, disables all program and erase
functions. Should be at VIH for all other conditions.
X
R-CE1#
Chip-enable input for pSRAM.
X
F-CE#
Chip-enable input for Flash. Asynchronous relative to CLK for Burst Mode.
X
R-CRE
Control Register Enable (pSRAM).
X
F-VCC
Flash 1.8 Volt-only single power supply.
X
R-VCC
pSRAM Power Supply.
X
R-UB#
Upper Byte Control (pSRAM).
X
R-LB#
Lower Byte Control (pSRAM)
X
DNU
Do Not Use


Similar Part No. - S71NS256NB0BJWVN0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS032J80 SPANSION-S71NS032J80 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS032J80BJWRA SPANSION-S71NS032J80BJWRA Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS032JA0 SPANSION-S71NS032JA0 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71NS256NB0BJWVN0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com