Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71WS512NE0BFWZZ Datasheet(PDF) 75 Page - SPANSION

Part # S71WS512NE0BFWZZ
Description  Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM CMOS 1.8 Volt
Download  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71WS512NE0BFWZZ Datasheet(HTML) 75 Page - SPANSION

Back Button S71WS512NE0BFWZZ Datasheet HTML 71Page - SPANSION S71WS512NE0BFWZZ Datasheet HTML 72Page - SPANSION S71WS512NE0BFWZZ Datasheet HTML 73Page - SPANSION S71WS512NE0BFWZZ Datasheet HTML 74Page - SPANSION S71WS512NE0BFWZZ Datasheet HTML 75Page - SPANSION S71WS512NE0BFWZZ Datasheet HTML 76Page - SPANSION S71WS512NE0BFWZZ Datasheet HTML 77Page - SPANSION S71WS512NE0BFWZZ Datasheet HTML 78Page - SPANSION S71WS512NE0BFWZZ Datasheet HTML 79Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 142 page
background image
June 28, 2004 S71WS512NE0BFWZZ_00_A1
S29WSxxxN MirrorBit™ Flash Family For Multi-chip Products (MCP)
75
Ad vance
Info rmat i o n
Absolute Maximum Ratings
Storage Temperature
Plastic Packages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–65°C to +150°C
Ambient Temperature
with Power Applied . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .–65°C to +125°C
Voltage with Respect to Ground:
All Inputs and DQs except
as noted below (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to VIO + 0.5 V
VCC (Note 1). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +2.5 V
VIO
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +2.5 V
ACC (Note 2) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.5 V to +9.5 V
Output Short Circuit Current (Note 3) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 mA
Notes:
1.
Minimum DC voltage on input or DQs is –0.5 V. During voltage transitions, inputs or
DQs may undershoot VSS to –2.0 V for periods of up to 20 ns. See Figure 7. Maximum
DC voltage on input or DQs is VCC + 0.5 V. During voltage transitions outputs may
overshoot to VCC + 2.0 V for periods up to 20 ns. See Figure 8.
2.
Minimum DC input voltage on pin ACC is -0.5V. During voltage transitions, ACC may
overshoot VSS to –2.0 V for periods of up to 20 ns. See Figure 7. Maximum DC voltage
on pin ACC is +9.5 V, which may overshoot to 10.5 V for periods up to 20 ns.
3.
No more than one output may be shorted to ground at a time. Duration of the short
circuit should not be greater than one second.
4.
Stresses above those listed under “Absolute Maximum Ratings” may cause permanent
damage to the device. This is a stress rating only; functional operation of the device at
these or any other conditions above those indicated in the operational sections of this
data sheet is not implied. Exposure of the device to absolute maximum rating conditions
for extended periods may affect device reliability.
Operating Ranges
Wireless (W) Devices
Ambient Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –25°C to +85°C
Industrial (I) Devices
Ambient Temperature (TA) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –40°C to +85°C
Supply Voltages
VCC Supply Voltages . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.65 V to +1.95 V
VIO Supply Voltages: . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +1.35 V to +1.70 V
Notes: Operating ranges define those limits between which the functionality of the device
is guaranteed.
Figure 7. Maximum Negative Overshoot
Waveform
9
Figure 8. Maximum Positive Overshoot
Waveform
20 ns
20 ns
+0.8 V
–0.5 V
20 ns
–2.0 V
20 ns
20 ns
VCC
+2.0 V
VCC
+0.5 V
20 ns
1.0 V


Similar Part No. - S71WS512NE0BFWZZ

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71WS512N SPANSION-S71WS512N Datasheet
572Kb / 18P
   Migrating from the S71WS512N to the S71WS512P
S71WS512N SPANSION-S71WS512N Datasheet
3Mb / 188P
   Stacked Multi-Chip Product (MCP)
S71WS512NB0BAWAJ0 SPANSION-S71WS512NB0BAWAJ0 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NB0BAWAJ2 SPANSION-S71WS512NB0BAWAJ2 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
S71WS512NB0BAWAJ3 SPANSION-S71WS512NB0BAWAJ3 Datasheet
332Kb / 13P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71WS512NE0BFWZZ

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS128NDE SPANSION-S75NS128NDE Datasheet
5Mb / 211P
   1.8 Volt-only, Stacked Multi-Chip Product (MCP) x16 MirrorBit Flash Memory and DRAM
S71PL129JC0 SPANSION-S71PL129JC0 Datasheet
2Mb / 149P
   Stacked Multi-Chip Product (MCP) Flash Memory
AM49BDS640AH SPANSION-AM49BDS640AH Datasheet
1Mb / 84P
   Stacked Multichip Package (MCP), Flash Memory and pSRAM CMOS 1.8 Volt-only Simultaneous Read/Write
S71GL-N SPANSION-S71GL-N_08 Datasheet
463Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL016A SPANSION-S71GL016A Datasheet
252Kb / 9P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL032A SPANSION-S71GL032A Datasheet
1Mb / 102P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016D SPANSION-S71AL016D Datasheet
1Mb / 76P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71AL016M SPANSION-S71AL016M Datasheet
1Mb / 68P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
S71GL-N SPANSION-S71GL-N Datasheet
452Kb / 11P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
logo
Eon Silicon Solution In...
EN71PL032A0A EON-EN71PL032A0A Datasheet
333Kb / 8P
   Stacked Multi-Chip Product (MCP) Flash Memory and RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com