Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S71NS256NB0BJWRN0 Datasheet(PDF) 11 Page - SPANSION

Part # S71NS256NB0BJWRN0
Description  MirrorBit 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S71NS256NB0BJWRN0 Datasheet(HTML) 11 Page - SPANSION

Back Button S71NS256NB0BJWRN0 Datasheet HTML 4Page - SPANSION S71NS256NB0BJWRN0 Datasheet HTML 5Page - SPANSION S71NS256NB0BJWRN0 Datasheet HTML 6Page - SPANSION S71NS256NB0BJWRN0 Datasheet HTML 7Page - SPANSION S71NS256NB0BJWRN0 Datasheet HTML 8Page - SPANSION S71NS256NB0BJWRN0 Datasheet HTML 9Page - SPANSION S71NS256NB0BJWRN0 Datasheet HTML 10Page - SPANSION S71NS256NB0BJWRN0 Datasheet HTML 11Page - SPANSION S71NS256NB0BJWRN0 Datasheet HTML 12Page - SPANSION  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
October 10, 2006 S71NS-N_00_A3
S71NS-N MCP Products
9
Advance
Information
4.3.1
NLA060—11.0 x 10.0 mm, 60-ball VFBGA
Figure 4.5 Physical Dimensions, NLA060—60-ball VFBGA
3483 \ 16-038.22 \ 3.11.5
PACKAGE
NLA 060
JEDEC
N/A
D x E
10.95 mm x 9.95 mm
PACKAGE
SYMBOL
MIN
NOM
MAX
NOTE
A
---
---
1.20
PROFILE
A1
0.20
---
---
BALL HEIGHT
A2
0.85
---
0.97
BODY THICKNESS
D
10.95 BSC.
BODY SIZE
E
9.95 BSC.
BODY SIZE
D1
6.50 BSC.
MATRIX FOOTPRINT
E1
8.50 BSC.
MATRIX FOOTPRINT
MD
14
MATRIX SIZE D DIRECTION
ME
18
MATRIX SIZE E DIRECTION
n
60
BALL COUNT
Øb
0.25
0.30
0.35
BALL DIAMETER
eE
0.50 BSC.
BALL PITCH
eD
0.50 BSC
BALL PITCH
SD / SE
0.25 BSC.
SOLDER BALL PLACEMENT
DEPOPULATED SOLDER BALLS
NOTES:
1.
DIMENSIONING AND TOLERANCING METHODS PER
ASME Y14.5M-1994.
2.
ALL DIMENSIONS ARE IN MILLIMETERS.
3.
BALL POSITION DESIGNATION PER JEP95, SECTION 4.3,
SPP-010.
4.
e REPRESENTS THE SOLDER BALL GRID PITCH.
5.
SYMBOL "MD" IS THE BALL MATRIX SIZE IN THE "D"
DIRECTION.
SYMBOL "ME" IS THE BALL MATRIX SIZE IN THE
"E" DIRECTION.
n IS THE NUMBER OF POPULTED SOLDER BALL POSITIONS
FOR MATRIX SIZE MD X ME.
6
DIMENSION "b" IS MEASURED AT THE MAXIMUM BALL
DIAMETER IN A PLANE PARALLEL TO DATUM C.
7
SD AND SE ARE MEASURED WITH RESPECT TO DATUMS A
AND B AND DEFINE THE POSITION OF THE CENTER SOLDER
BALL IN THE OUTER ROW.
WHEN THERE IS AN ODD NUMBER OF SOLDER BALLS IN THE
OUTER ROW SD OR SE = 0.000.
WHEN THERE IS AN EVEN NUMBER OF SOLDER BALLS IN THE
OUTER ROW, SD OR SE = e/2
8.
"+" INDICATES THE THEORETICAL CENTER OF DEPOPULATED
BALLS.
9.
A1 CORNER TO BE IDENTIFIED BY CHAMFER, LASER OR INK
MARK, METALLIZED MARK INDENTATION OR OTHER MEANS.
10. OUTLINE AND DIMENSIONS PER CUSTOMER REQUIREMENT.
A
D
E
(2X)
0.15 C
INDEX MARK
C
B
0.15
(2X)
9
TOP VIEW
CORNER
PIN A1
b
60X
0.15
M C
0.08
M C
AB
C
C
C
6
SIDE VIEW
A1
A
A2
0.20
0.08
P NM L K J HG F E DCB
18
17
16
15
14
13
12
11
10
9
8
7
6
5
4
3
2
7
E1
SE
A
D1
eD
1
eE
CORNER
PIN A1
7
SD
BOTTOM VIEW
A2~A17,B1~B18,C1,C2,C4~C15,C17,C18
D1~D18,E1,E2,E3,E4,E7,E8,E11,E12,E15,E16,E17,E18
K1,K2,K3,K4,K7,K8,K11,K12,K15,K16,K17,K18
L1 ~L18,M1,M2,M4~M15,M17,M18,N1~N18,P2~P17
F1,F2,F3,F4,F15,F16,F17,F18,G1,G2,G3,G4,G15,G16,G17,G18
H1,H2,H3,H4,H15,H16,H17,H18,J1,J2,J3,J4,J15,J16,J17,J18


Similar Part No. - S71NS256NB0BJWRN0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S71NS-J SPANSION-S71NS-J Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S71NS032J80 SPANSION-S71NS032J80 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS032J80BJWRA SPANSION-S71NS032J80BJWRA Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
S71NS032JA0 SPANSION-S71NS032JA0 Datasheet
215Kb / 9P
   Stacked Multi-Chip Product (MCP)
More results

Similar Description - S71NS256NB0BJWRN0

ManufacturerPart #DatasheetDescription
logo
SPANSION
S75NS-N SPANSION-S75NS-N Datasheet
315Kb / 10P
   MirrorBit 1.8 Volt-only Simultaneous Read/ Write, Burst-mode Multiplexed Flash (NOR Interface)
S71NS-N SPANSION-S71NS-N Datasheet
574Kb / 13P
   MirrorBit짰 1.8 Volt-only Simultaneous Read/Write, Burst-mode Multiplexed Flash Memory
S29NS-N SPANSION-S29NS-N Datasheet
1Mb / 86P
   Simultaneous Read/Write, Multiplexed, Burst Mode Flash Memory
S71WS-P SPANSION-S71WS-P Datasheet
277Kb / 10P
   1.8 Volt-only x16 Simultaneous Read/Write, Burst Mode Flash Memory with CellularRAM
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
S29NS-J SPANSION-S29NS-J Datasheet
1Mb / 85P
   110 nm CMOS 1.8-Volt only Simultaneous Read/Write, Burst Mode Flash Memories
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29BDS640G AMD-AM29BDS640G Datasheet
1Mb / 77P
   64 Megabit (4 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29JL064J70TFI000 SPANSION-S29JL064J70TFI000 Datasheet
1Mb / 61P
   CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com