Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP2821D Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCP2821D
Description  2.65 W Filterless with Selectable Gain Class?묭 Audio Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP2821D Datasheet(HTML) 5 Page - ON Semiconductor

  NCP2821D Datasheet HTML 1Page - ON Semiconductor NCP2821D Datasheet HTML 2Page - ON Semiconductor NCP2821D Datasheet HTML 3Page - ON Semiconductor NCP2821D Datasheet HTML 4Page - ON Semiconductor NCP2821D Datasheet HTML 5Page - ON Semiconductor NCP2821D Datasheet HTML 6Page - ON Semiconductor NCP2821D Datasheet HTML 7Page - ON Semiconductor NCP2821D Datasheet HTML 8Page - ON Semiconductor NCP2821D Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
NCP2821
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS (Limits apply for TA = +25°C unless otherwise noted)
Characteristic
Unit
Max
Typ
Min
Conditions
Symbol
Total Harmonic Distortion + Noise
THD+N
Vp = 5.0 V, RL = 8 W,
f = 1 kHz, Pout = 0.25 W
Vp = 3.6 V, RL = 8 W,
f = 1 kHz, Pout = 0.25 W
0.05
0.09
%
Efficiency
h
RL = 8 W, f = 1 kHz
Vp = 5 V, Pout = 1.2 W
Vp = 3.6 V, Pout = 600 mW
91
90
%
RL = 4 W, f = 1 kHz
Vp = 5 V, Pout = 2 W
Vp = 3.6 V, Pout = 600 mW
82
81
%
Common Mode Rejection Ratio
CMRR
Vp = 2.5 V to 5.5 V, G = 6 dB
Vic = 0.5 V to Vp − 0.8 V
Vp = 3.6 V, Vic = 1 Vpp
G = 6 dB, f = 1 kHz
G = 12 dB, f = 1 kHz
−62
−59
−53
dB
Power Supply Rejection Ratio
PSRR
Vpripple_pk−pk = 200 mV, RL = 8 W,
Inputs AC grounded, Vp = 3.6 V
f = 217 Hz
f = 1 kHz
−63
−63
dB
Figure 2. Test Setup for Graphs
OUTM
OUTP
GND
Ri
INP
INM
VP
Ri
Ci
Ci
+
+
4.7
mF
+
Audio Input
Signal
Load
30 kHz
Low Pass
Filter
Measurement
Input
Power
Supply
NCP2821
NOTES:
1. Unless otherwise noted, Ci = 100 nF and Ri= 150 kW. Thus, the gain setting is 2 V/V and the cutoff frequency of the
input high pass filter is set to 10 Hz. Input capacitors are shorted for CMRR measurements.
2. To closely reproduce a real application case, all measurements are performed using the following loads:
RL = 8 W means Load = 15 mH + 8 W + 15 mH
RL = 4 W means Load = 15 mH + 4 W + 15 mH
Very low DCR 15
mH inductors (50 mW) have been used for the following graphs. Thus, the electrical load
measurements are performed on the resistor (8
W or 4 W) in differential mode.
3. For Efficiency measurements, the optional 30 kHz filter is used. An RC low−pass filter is selected with
(100
W, 47 nF) on each PWM output.


Similar Part No. - NCP2821D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820AFCT2G ONSEMI-NCP2820AFCT2G Datasheet
230Kb / 21P
   Filterless Class-D Audio Power Amplifier
December, 2013 ??Rev. 8
NCP2820D ONSEMI-NCP2820D Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1 ONSEMI-NCP2820FCT1 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP2820FCT1G ONSEMI-NCP2820FCT1G Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
More results

Similar Description - NCP2821D

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2820 ONSEMI-NCP2820 Datasheet
287Kb / 22P
   2.65 W Filterless Class?묭 Audio Power Amplifier
November, 2006 ??Rev. 5
NCP9004 ONSEMI-NCP9004 Datasheet
316Kb / 17P
   2.65 W Filterless Class?묭 Audio Power Amplifier
August, 2006 ??Rev. 2
NLMD5820 ONSEMI-NLMD5820 Datasheet
218Kb / 21P
   2.65 W Filterless Class-D Audio Amplifier with Integrated Dual SPST Switch
September, 2007 - Rev. 0
logo
Analog Devices
SSM2306 AD-SSM2306 Datasheet
503Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
REV. 0
SSM2304 AD-SSM2304 Datasheet
408Kb / 19P
   2 W Filterless Class-D Stereo Audio Amplifier
Rev. PrD
SSM2306 AD-SSM2306_15 Datasheet
504Kb / 16P
   2 W, Filterless, Class-D Stereo Audio Amplifier
SSM2304 AD-SSM2304_15 Datasheet
935Kb / 20P
   2 W Filterless Class-D Stereo Audio Amplifier
logo
Texas Instruments
TPA2000D1 TI-TPA2000D1 Datasheet
205Kb / 14P
[Old version datasheet]   2-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
logo
Lyontek Inc.
LY8006 LYONTEK-LY8006_17 Datasheet
878Kb / 16P
   3.3 W Mono Filterless Class D Audio power Amplifier
logo
Texas Instruments
TPA2001D1 TI-TPA2001D1_06 Datasheet
220Kb / 15P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com