Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD016J1JQAI102 Datasheet(PDF) 8 Page - SPANSION

Part # S29CD016J1JQAI102
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD016J1JQAI102 Datasheet(HTML) 8 Page - SPANSION

Back Button S29CD016J1JQAI102 Datasheet HTML 4Page - SPANSION S29CD016J1JQAI102 Datasheet HTML 5Page - SPANSION S29CD016J1JQAI102 Datasheet HTML 6Page - SPANSION S29CD016J1JQAI102 Datasheet HTML 7Page - SPANSION S29CD016J1JQAI102 Datasheet HTML 8Page - SPANSION S29CD016J1JQAI102 Datasheet HTML 9Page - SPANSION S29CD016J1JQAI102 Datasheet HTML 10Page - SPANSION S29CD016J1JQAI102 Datasheet HTML 11Page - SPANSION S29CD016J1JQAI102 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
6
S29CD-J & S29CL-J Flash Family
S29CD-J_CL-J_00_B1 September 27, 2006
Data
Sheet
(Pre limin ar y)
2.
Input/Output Descriptions and Logic Symbols
Table identifies the input and output package connections provided on the device.
Symbol
Type
Description
A19-A0
Input
Address lines for S29CD-J and S29CL-J (A18-A0 for 16Mb and A19-A0 for 32Mb).
A9 supports 12V autoselect input.
DQ31-DQ0
I/O
Data input/output
CE#
Input
Chip Enable. This signal is asynchronous relative to CLK for the burst mode.
OE#
Input
Output Enable. This signal is asynchronous relative to CLK for the burst mode.
WE#
Input
Write Enable
VCC
Supply
Device Power Supply. This signal is asynchronous relative to CLK for the burst mode.
VIO
Input
VersatileI/O
TM Input.
VSS
I/O
Ground
NC
No Connect
Not connected internally
RY/BY#
Output
Ready/Busy output and open drain which require a external pull up resistor.
When RY/BY# = VOH, the device is ready to accept read operations and commands.
When RY/BY# = VOL, the device is either executing an embedded algorithm or the
device is executing a hardware reset operation.
CLK
Input
Clock Input that can be tied to the system or microprocessor clock and provides the
fundamental timing and internal operating frequency.
AVD #
Input
Load Burst Address input. Indicates that the valid address is present on the address
inputs.
IND#
Output
End of burst indicator for finite bursts only. IND is low when the last word in the burst
sequence is at the data outputs.
WAIT#
Output
Provides data valid feedback only when the burst length is set to continuous.
WP#
Input
Write Protect Input. At VIL, disables program and erase functions in two outermost
sectors of the large bank.
ACC
Input
Acceleration input. At VHH, accelerates erasing and programming. When not used for
acceleration, ACC = VSS to VCC.
RESET#
Input
Hardware Reset.


Similar Part No. - S29CD016J1JQAI102

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016J1JDGH014 SPANSION-S29CD016J1JDGH014 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J1JDGH017 SPANSION-S29CD016J1JDGH017 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J1JDGH034 SPANSION-S29CD016J1JDGH034 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J1JDGH037 SPANSION-S29CD016J1JDGH037 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J1JDGH114 SPANSION-S29CD016J1JDGH114 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29CD016J1JQAI102

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com