Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX5486 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX5486
Description  Stereo Volume Control with Pushbutton Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX5486 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX5486 Datasheet HTML 6Page - Maxim Integrated Products MAX5486 Datasheet HTML 7Page - Maxim Integrated Products MAX5486 Datasheet HTML 8Page - Maxim Integrated Products MAX5486 Datasheet HTML 9Page - Maxim Integrated Products MAX5486 Datasheet HTML 10Page - Maxim Integrated Products MAX5486 Datasheet HTML 11Page - Maxim Integrated Products MAX5486 Datasheet HTML 12Page - Maxim Integrated Products MAX5486 Datasheet HTML 13Page - Maxim Integrated Products MAX5486 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
wiper changes position, the second wiper has 126ms
to change or it changes automatically.
Power-On Reset
The power-on comparators monitor (VDD - VSS) and
(VLOGIC - GND). A power-on reset is initiated when
either of the supplies is brought back to the normal
operating voltage. The power-on reset feature sets both
wipers to -12dB. The wipers initially wake up in mute
mode (-90dB) and move to the -12dB position when
VH = VL to eliminate clicks and pops during power-up.
With DC inputs at VH and VL, the wipers move after
exceeding the timeout period. A power-on reset places
the MAX5486 in volume-control mode.
Shutdown (
SHDN)
Upon entering shutdown, the MAX5486 stores the last
wiper settings. The wipers move to the L_ end of the
resistor string when VH = VL to eliminate clicks and
pops during shutdown. With DC inputs at VH and VL,
the wipers move after exceeding the timeout period.
Exiting shutdown restores the wipers to their previous
settings. Shutdown also turns off all the LED indicators
to save power.
Mute Function (
MUTE)
The MAX5486 features a mute function input, MUTE.
Successive low pulses on MUTE toggle its setting.
Activating the mute function forces both wipers to maxi-
mum attenuation (-90dB typ). Deactivating the mute
function returns the wipers to their previous settings.
MUTE is internally pulled high with a resistor to VLOGIC.
When both wipers are in the tap 31 position
(-62dB attenuation) further commands to lower the vol-
ume place the wipers in the mute position (see Table 1).
Mode Indicator (
MODEIND)
The open-drain MODEIND indicates volume-control
mode or balance-control mode for the MAX5486.
Connect MODEIND to an LED with a series resistor to
VLOGIC. When the LED is on, the MAX5486 is in bal-
ance-control mode. When the LED is off, the MAX5486
is in volume-control mode. See the
Mode Control
(MODE) section for more detail on switching between
modes.
Level Indicator LEDs
The MAX5486 includes five indicator LED drivers to dis-
play the current wiper settings in either volume or bal-
ance mode. The LED indicators are enabled by
connecting a 1M
Ω resistor between LEDIND4 and
VLOGIC. Connect the LEDIND_ outputs to the LEDs and
to VLOGIC through a series resistor as shown in the
Typical Operating Circuit. Connect LEDIND_ outputs to
GND when LED indicator drivers are not used.
In volume-control mode, all LEDs are off when the
wipers reach the highest attenuation levels (mute). All
LEDs are on at the lowest attenuation levels (0dB).
Stereo Volume Control with Pushbutton
Interface
10
______________________________________________________________________________________
(3a)
WR
H_
L_
H_
L_
WL
WR
WR
WL
WL
WR
WL
WR
WR
WL
WL
(3b)
VOLUME LEVEL IS SET
VOLUME LEVEL MAINTAINED
BALANCE SHIFTS TO WL
VOLUME LEVEL MAINTAINED
BALANCE SHIFTS TO WL
VOLUME LEVEL IS SET BY WR
PRESS BALL
ONCE
PRESS BALL
ONCE
PRESS BALL
ONCE
PRESS BALL
ONCE
Figures 3a and 3b. Balance-Control Operation


Similar Part No. - MAX5486

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5486 MAXIM-MAX5486 Datasheet
1Mb / 16P
   Stereo Volume Control with Pushbutton Interface
19-0672; Rev 1; 4/14
MAX5486EUG++ MAXIM-MAX5486EUG+ Datasheet
1Mb / 16P
   Stereo Volume Control with Pushbutton Interface
19-0672; Rev 1; 4/14
MAX5486 MAXIM-MAX5486_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Pushbutton Interface
19-0672; Rev 1; 4/14
More results

Similar Description - MAX5486

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX5486 MAXIM-MAX5486_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Pushbutton Interface
19-0672; Rev 1; 4/14
MAX5440 MAXIM-MAX5440 Datasheet
635Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 1; 5/06
MAX5440 MAXIM-MAX5440_08 Datasheet
196Kb / 16P
   Stereo Volume Control with Rotary Encoder Interface
Rev 2; 11/08
MAX5440 MAXIM-MAX5440_V01 Datasheet
1Mb / 16P
   Stereo Volume Control with Rotary Encoder Interface
19-0542; Rev 3; 4/14
logo
Wolfson Microelectronic...
WM8816 WOLFSON-WM8816 Datasheet
368Kb / 12P
   Stereo Digital Volume Control
logo
Texas Instruments
PGA2310 TI1-PGA2310 Datasheet
961Kb / 24P
[Old version datasheet]   Stereo Audio Volume Control
PGA2311 TI1-PGA2311 Datasheet
924Kb / 21P
[Old version datasheet]   Stereo Audio Volume Control
logo
Burr-Brown (TI)
PGA2310 BURR-BROWN-PGA2310_06 Datasheet
315Kb / 16P
   Stereo Audio Volume Control
PGA2310 BURR-BROWN-PGA2310_08 Datasheet
381Kb / 17P
   Stereo Audio Volume Control
logo
Cirrus Logic
CS3310 CIRRUS-CS3310_05 Datasheet
277Kb / 17P
   Stereo Digital Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com