Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFL27028S Datasheet(PDF) 4 Page - International Rectifier

Part # AFL27028S
Description  270V Input, Single Output
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

AFL27028S Datasheet(HTML) 4 Page - International Rectifier

  AFL27028S Datasheet HTML 1Page - International Rectifier AFL27028S Datasheet HTML 2Page - International Rectifier AFL27028S Datasheet HTML 3Page - International Rectifier AFL27028S Datasheet HTML 4Page - International Rectifier AFL27028S Datasheet HTML 5Page - International Rectifier AFL27028S Datasheet HTML 6Page - International Rectifier AFL27028S Datasheet HTML 7Page - International Rectifier AFL27028S Datasheet HTML 8Page - International Rectifier AFL27028S Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
4
www.irf.com
AFL270XXS Series
Dynamic Characteristics -55°C
≤ T
CASE ≤ +125°C, VIN = 270 Volts unless otherwise specified.
Parameter
Group A
Subgroup
s
Test Conditions
Min
Nom
Max
Unit
LOAD TRANSIENT RESPONSE
AFL27005S
Amplitude
Recovery
Amplitude
Recovery
AFL27006S
Amplitude
Recovery
Amplitude
Recovery
AFL27009S
Amplitude
Recovery
Amplitude
Recovery
AFL27012S
Amplitude
Recovery
Amplitude
Recovery
AFL27015S
Amplitude
Recovery
Amplitude
Recovery
AFL27028S
Amplitude
Recovery
Amplitude
Recovery
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
4, 5, 6
Note 2, 8
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
Load Step 50%
⇔ 100%
Load Step 10%
⇔ 50%
-450
-450
-450
-450
-600
-600
-750
-750
-900
-900
-1200
-1200
450
200
450
400
450
200
450
400
600
200
600
400
750
200
750
400
900
200
900
400
1200
200
1200
400
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
mV
µSec
LINE TRANSIENT RESPONSE
Amplitude
Recovery
Note 1, 2, 3
VIN Step = 160 400 Volts
-500
500
500
mV
µSec
TURN-ON CHARACTERISTICS
Overshoot
Delay
4, 5, 6
4, 5, 6
VIN = 160, 270, 400 Volts. Note 4
Enable 1, 2 on. (Pins 4, 12 high or
open)
50
75
250
120
mV
mSec
LOAD FAULT RECOVERY
Same as Turn On Characteristics.
LINE REJECTION
MIL-STD-461, CS101, 30Hz to 50KHz
Note 1
60
70
dB
Notes to Specifications:
1.
Parameters not 100% tested but are guaranteed to the limits specified in the table.
2.
Recovery time is measured from the initiation of the transient to where VOUT has returned to within
±1% of VOUT at 50% load.
3.
Line transient transition time
≥ 100 µSec.
4.
Turn-on delay is measured with an input voltage rise time of between 100 and 500 volts per millisecond.
5.
Current limit point is that condition of excess load causing output voltage to drop to 90% of nominal.
6.
Parameter verified as part of another test.
7.
All electrical tests are performed with the remote sense leads connected to the output leads at the load.
8.
Load transient transition time
≥ 10 µSec.
9.
Enable inputs internally pulled high. Nominal open circuit voltage
≈ 4.0VDC.


Similar Part No. - AFL27028S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
AFL27028S IRF-AFL27028S Datasheet
539Kb / 16P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
AFL27028SW-CH IRF-AFL27028SW-CH Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27028SW-ES IRF-AFL27028SW-ES Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27028SW-HB IRF-AFL27028SW-HB Datasheet
122Kb / 11P
   ADVANCED ANALOG HIGH RELIABILITY HYBRID DC/DC CONVERTERS
AFL27028SWES IRF-AFL27028SWES Datasheet
219Kb / 12P
   HYBRID-HIGH RELIABILITY DC/DC CONVERTER
More results

Similar Description - AFL27028S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
Z2801R5S IRF-Z2801R5S Datasheet
78Kb / 7P
   28V Input, Single Output
HTA20 IRF-HTA20_15 Datasheet
186Kb / 14P
   200V Input, Single/Dual Output
logo
Texas Instruments
PCM2900C TI1-PCM2900C_14 Datasheet
1Mb / 33P
[Old version datasheet]   Single-Ended Analog Input/Output
logo
International Rectifier
LSO28 IRF-LSO28_15 Datasheet
516Kb / 18P
   28V Input, Single/Dual Output
LS28 IRF-LS28_15 Datasheet
249Kb / 16P
   28V Input, Single/Dual Output
M3G IRF-M3G_15 Datasheet
196Kb / 15P
   28V Input, Single/Dual Output
M3G50S IRF-M3G50S_15 Datasheet
185Kb / 13P
   50V Input, Single/Dual Output
M3L IRF-M3L_15 Datasheet
151Kb / 12P
   28V Input, Single/Dual Output
logo
Texas Instruments
PCM2900B TI1-PCM2900B_14 Datasheet
675Kb / 33P
[Old version datasheet]   SINGLE-ENDED ANALOG INPUT/OUTPUT
logo
International Rectifier
M3G70 IRF-M3G70_15 Datasheet
186Kb / 13P
   70V Input, Single/Dual Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com