Electronic Components Datasheet Search |
|
S29CD032J0MFFI002 Datasheet(PDF) 8 Page - SPANSION |
|
S29CD032J0MFFI002 Datasheet(HTML) 8 Page - SPANSION |
8 / 76 page 6 S29CD-J & S29CL-J Flash Family S29CD-J_CL-J_00_B1 September 27, 2006 Data Sheet (Pre limin ar y) 2. Input/Output Descriptions and Logic Symbols Table identifies the input and output package connections provided on the device. Symbol Type Description A19-A0 Input Address lines for S29CD-J and S29CL-J (A18-A0 for 16Mb and A19-A0 for 32Mb). A9 supports 12V autoselect input. DQ31-DQ0 I/O Data input/output CE# Input Chip Enable. This signal is asynchronous relative to CLK for the burst mode. OE# Input Output Enable. This signal is asynchronous relative to CLK for the burst mode. WE# Input Write Enable VCC Supply Device Power Supply. This signal is asynchronous relative to CLK for the burst mode. VIO Input VersatileI/O TM Input. VSS I/O Ground NC No Connect Not connected internally RY/BY# Output Ready/Busy output and open drain which require a external pull up resistor. When RY/BY# = VOH, the device is ready to accept read operations and commands. When RY/BY# = VOL, the device is either executing an embedded algorithm or the device is executing a hardware reset operation. CLK Input Clock Input that can be tied to the system or microprocessor clock and provides the fundamental timing and internal operating frequency. AVD # Input Load Burst Address input. Indicates that the valid address is present on the address inputs. IND# Output End of burst indicator for finite bursts only. IND is low when the last word in the burst sequence is at the data outputs. WAIT# Output Provides data valid feedback only when the burst length is set to continuous. WP# Input Write Protect Input. At VIL, disables program and erase functions in two outermost sectors of the large bank. ACC Input Acceleration input. At VHH, accelerates erasing and programming. When not used for acceleration, ACC = VSS to VCC. RESET# Input Hardware Reset. |
Similar Part No. - S29CD032J0MFFI002 |
|
Similar Description - S29CD032J0MFFI002 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |