Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPD4113AK Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part No. TPD4113AK
Description  Intelligent Power Device High Voltage Monolithic Silicon Power IC
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TOSHIBA [Toshiba Semiconductor]
Homepage  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD4113AK Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TPD4113AK Datasheet HTML 6Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 7Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 8Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 9Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 10Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 11Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 12Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 13Page - Toshiba Semiconductor TPD4113AK Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TENTATIVE
TPD4113AK
2005-05-20
10
External Parts
Standard external parts are shown in the following table.
Part
Recommended Value
Purpose
Remarks
C1, C2, C3
25 V/2.2
µF
Bootstrap capacitor
(Note 1)
R1
0.62
Ω ± 1% (1 W)
Current detection
(Note 2)
C4
25 V/10
µF
VCC power supply stability
(Note 3)
C
25 V/0.1
µF
VCC for surge absorber
(Note 3)
C6
16 V/1
µF
VREG power supply stability
(Note 3)
C7
16 V/1000 pF
VREG for surge absorber
(Note 3)
R3
5.1 k
DIAG pin pull-up resistor
(Note 4)
Note 1: The required bootstrap capacitance value varies according to the motor drive conditions. The capacitor is
biased by VCC and must be sufficiently derated for it.
Note 2: The following formula shows the detection current: IO = VR ÷ RIS (For VR = 0.5 V)
Do not exceed a detection current of 1A when using this product.
(Please go from the outside in the over current protection.)
Note 3: When using this product, some adjustment is required in accordance with the use environment. When
mounting, place as close to the base of this product leads as possible to improve the ripple and noise
elimination.
Note 4: The DIAG pin is open drain. Note that when the DIAG pin is connected to a power supply with a voltage
higher than or equal to the VCC, a protection circuit is triggered so that the current flows continuously. If not
using the DIAG pin, connect to the GND.
Handling precautions
(1)
Please control the input signal in the state to which the V CC voltage is steady. Both of the order of
the VBB power supply and the V CC power supply are not cared about either.
Note that if the power supply is switched off as described above, this product may be destroyed if the
current regeneration route to the VBB power supply is blocked when the VBB line is disconnected by
a relay or similar while the motor is still running.
(2)
The excess voltage such as the voltage serge which exceed the maximum rating is added, for example,
may destroy the circuit. Accordingly, be careful of handling this product or of surge voltage in its
application environment.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn