Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1186 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part No. MAX1186
Description  Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1186 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX1186 Datasheet HTML 9Page - Maxim Integrated Products MAX1186 Datasheet HTML 10Page - Maxim Integrated Products MAX1186 Datasheet HTML 11Page - Maxim Integrated Products MAX1186 Datasheet HTML 12Page - Maxim Integrated Products MAX1186 Datasheet HTML 13Page - Maxim Integrated Products MAX1186 Datasheet HTML 14Page - Maxim Integrated Products MAX1186 Datasheet HTML 15Page - Maxim Integrated Products MAX1186 Datasheet HTML 16Page - Maxim Integrated Products MAX1186 Datasheet HTML 17Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Multiplexed Parallel Outputs
______________________________________________________________________________________
13
Analog Inputs and Reference
Configurations
The full-scale range of the MAX1186 is determined by the
internally generated voltage difference between REFP
(VDD/2 + VREFIN/4) and REFN (VDD/2 - VREFIN/4). The
full-scale range for both on-chip ADCs is adjustable
through the REFIN pin, which is provided for this purpose.
REFOUT, REFP, COM (VDD/2), and REFN are internally
buffered low-impedance outputs.
The MAX1186 provides three modes of reference operation:
• Internal reference mode
• Buffered external reference mode
• Unbuffered external reference mode
In internal reference mode, connect the internal reference
output REFOUT to REFIN through a resistor (e.g., 10k
Ω)
or resistor-divider, if an application requires a reduced
full-scale range. For stability and noise filtering purposes,
bypass REFIN with a >10nF capacitor to GND. In internal
reference mode, REFOUT, COM, REFP, and REFN
become low-impedance outputs.
In buffered external reference mode, adjust the reference
voltage levels externally by applying a stable and accu-
rate voltage at REFIN. In this mode, COM, REFP, and
REFN become outputs. REFOUT may be left open or con-
nected to REFIN through a >10k
Ω resistor.
In unbuffered external reference mode, connect REFIN to
GND. This deactivates the on-chip reference buffers for
REFP, COM, and REFN. With their buffers shut down,
these nodes become high impedance and may be driven
through separate, external reference sources.
Clock Input (CLK)
The MAX1186’s CLK input accepts CMOS-compatible
clock signals. Since the interstage conversion of the
device depends on the repeatability of the rising and
falling edges of the external clock, use a clock with low jit-
ter and fast rise and fall times (< 2ns). In particular, sam-
pling occurs on the rising edge of the clock signal,
requiring this edge to provide lowest possible jitter. Any
significant aperture jitter would limit the SNR performance
of the on-chip ADCs as follows:
SNRdB = 20 x log10 (1 / [2
π x fIN x tAJ])
where fIN represents the analog input frequency and tAJ
is the time of the aperture jitter.
Clock jitter is especially critical for undersampling appli-
cations. The clock input should always be considered as
an analog input and routed away from any analog input
or other digital signal lines.
The MAX1186 clock input operates with a voltage thresh-
old set to VDD/2. Clock inputs with a duty cycle other
than 50%, must meet the specifications for high and low
periods as stated in the Electrical Characteristics.
System Timing Requirements
Figure 3 shows the relationship between clock and ana-
log input, A/B indicator, and the resulting CHA/CHB
data output. CHA and CHB data are sampled on the
rising edge of the clock signal. Following the rising
edge of the 5th clock cycles, the digitized value of the
original CHA sample is presented at the output. This
followed one-half clock cycle later by the digitized
value of the original CHB sample.
A channel selection signal (A/B indicator) allows the user
to determine which output data represents which input
channel. With A/B = 1, digitized data from CHA is present
at the output and with A/B = 0 digitized data from CHB is
present.
Digital Output Data, Output Data Format
Selection (T/B), Output Enable (OE), Channel
Selection (A/B)
All digital outputs, D0A/B–D9A/B (CHA or CHB data) and
A/B are TTL/CMOS logic-compatible. The output coding
can be chosen to be either offset binary or two’s comple-
ment (Table 1) controlled by a single pin (T/B). Pull T/B
low to select offset binary and high to activate two’s com-
plement output coding. The capacitive load on the digital
outputs D0A/B–D9A/B should be kept as low as possible
(<15pF), to avoid large digital currents that could feed
back into the analog portion of the MAX1186, thereby
degrading its dynamic performance. Using buffers on the
digital outputs of the ADCs can further isolate the digital
outputs from heavy capacitive loads. To further improve
the dynamic performance of the MAX1186, small-series
resistors (e.g., 100
Ω) may be added to the digital output
paths, close to the MAX1186.
Figure 4 displays the timing relationship between output
enable and data output valid as well as power-
down/wake-up and data output valid.
Power-Down (PD) and Sleep
(SLEEP) Modes
The MAX1186 offers two power-save modes—sleep
and full power-down mode. In sleep mode (SLEEP = 1),
only the reference bias circuit is active (both ADCs are
disabled), and current consumption is reduced to
2.8mA.
To enter full power-down mode, pull PD high. With OE
simultaneously low, all outputs are latched at the last
value prior to the power-down. Pulling OE high, forces
the digital outputs into a high-impedance state.


Similar Part No. - MAX1186

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1186 MAXIM-MAX1186 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1186ECM MAXIM-MAX1186ECM Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
More results

Similar Description - MAX1186

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz