Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAX1186 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part No. MAX1186
Description  Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX1186 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX1186 Datasheet HTML 7Page - Maxim Integrated Products MAX1186 Datasheet HTML 8Page - Maxim Integrated Products MAX1186 Datasheet HTML 9Page - Maxim Integrated Products MAX1186 Datasheet HTML 10Page - Maxim Integrated Products MAX1186 Datasheet HTML 11Page - Maxim Integrated Products MAX1186 Datasheet HTML 12Page - Maxim Integrated Products MAX1186 Datasheet HTML 13Page - Maxim Integrated Products MAX1186 Datasheet HTML 14Page - Maxim Integrated Products MAX1186 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Detailed Description
The MAX1186 uses a nine-stage, fully-differential,
pipelined architecture (Figure 1) that allows for high-
speed conversion while minimizing power consumption.
Samples taken at the inputs move progressively through
the pipeline stages every one-half clock cycle. Including
the delay through the output latch, the total clock-cycle
latency is five clock cycles.
1.5-bit (2-comparator) flash ADCs convert the held input
voltages into a digital code. The digital-to-analog con-
verters (DACs) convert the digitized results back into
analog voltages, which are then subtracted from the
original held input signals. The resulting error signals
are then multiplied by two and the residues are passed
along to the next pipeline stages, where the process is
repeated until the signals have been processed by all
nine stages. Digital error correction compensates for
ADC comparator offsets in each of these pipeline
stages and ensures no missing codes.
Both input channels are sampled on the rising edge of
the clock and the resulting data is multiplexed at the
output. CHA data is updated on the rising edge (5 clock
cycles later) and CHB data is updated on the falling
edge (5.5 clock cycles later) of the clock signal. The A/B
indicator follows the clock signal with a typical delay
time of 6ns and remains high when CHA data is updat-
ed and low when CHB data is updated.
Input Track-and-Hold (T/H) Circuits
Figure 2 displays a simplified functional diagram of the
input track-and-hold (T/H) circuits in both track- and hold-
mode. In track mode, switches S1, S2a, S2b, S4a, S4b,
S5a, and S5b are closed. The fully-differential circuits
sample the input signals onto the two capacitors (C2a
and C2b) through switches S4a and S4b. S2a and S2b
set the common mode for the amplifier input, and open
simultaneously with S1, sampling the input waveform.
Switches S4a and S4b are then opened before switches
S3a and S3b connect capacitors C1a and C1b to the out-
put of the amplifier and switch S4c is closed. The result-
ing differential voltages are held on capacitors C2a and
C2b. The amplifiers are used to charge capacitors C1a
and C1b to the same values originally held on C2a and
C2b. These values are then presented to the first stage
quantizers and isolate the pipelines from the fast-chang-
ing inputs. The wide input bandwidth T/H amplifiers allow
the MAX1186 to track and sample/hold analog inputs of
high frequencies (> Nyquist). Both ADC inputs (INA+,
INB+, INA-, and INB-) can be driven either differentially or
single-ended. Match the impedance of INA+ and INA-,
as well as INB+ and INB-, and set the common-mode
voltage to midsupply (VDD/2) for optimum performance.
Dual 10-Bit, 40Msps, 3V, Low-Power ADC with
Internal Reference and Multiplexed Parallel Outputs
______________________________________________________________________________________
11
T/H
VOUT
x2
Σ
FLASH
ADC
DAC
1.5 BITS
10
VINA
VIN
STAGE 1
STAGE 2
DIGITAL CORRECTION LOGIC
STAGE 8
STAGE 9
2-BIT FLASH
ADC
T/H
T/H
VOUT
x2
Σ
FLASH
ADC
DAC
1.5 BITS
10
VINB
VIN
STAGE 1
STAGE 2
DIGITAL CORRECTION LOGIC
STAGE 8
STAGE 9
2-BIT FLASH
ADC
T/H
OUTPUT
MULTIPLEXER
10
D0A/B–D9A/B
Figure 1. Pipelined Architecture—Stage Blocks


Similar Part No. - MAX1186

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1186 MAXIM-MAX1186 Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
MAX1186ECM MAXIM-MAX1186ECM Datasheet
497Kb / 9P
   Single-Ended or Fully Differential Signal Input Configuration
Rev 2; 7/02
More results

Similar Description - MAX1186

ManufacturerPart No.DatasheetDescription
Maxim Integrated Products
Maxim Integrated Produc...
MAX1196 MAXIM-MAX1196 Datasheet
635Kb / 23P
   Dual 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
19-2600; Rev 0; 9/02
MAX1183 MAXIM-MAX1183 Datasheet
495Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
MAX1183 MAXIM-MAX1183_V01 Datasheet
343Kb / 18P
   Dual 10-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
2006
MAX1185 MAXIM-MAX1185_11 Datasheet
359Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 3; 5/11
MAX1185 MAXIM-MAX1185 Datasheet
495Kb / 20P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
MAX1185 MAXIM-MAX1185_10 Datasheet
299Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Multiplexed Parallel Outputs
Rev 2; 4/10
MAX1195 MAXIM-MAX1195 Datasheet
563Kb / 22P
   Dual, 8-Bit, 40Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 4/02
MAX1182 MAXIM-MAX1182 Datasheet
510Kb / 21P
   Dual 10-Bit, 65Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 7/01
MAX1181 MAXIM-MAX1181 Datasheet
304Kb / 20P
   Dual 10-Bit, 80Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 1; 2/07
MAX1184 MAXIM-MAX1184 Datasheet
504Kb / 21P
   Dual 10-Bit, 20Msps, 3V, Low-Power ADC with Internal Reference and Parallel Outputs
Rev 0; 10/01
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz