Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IW4081BN Datasheet(PDF) 4 Page - Integral Corp.

Part # IW4081BN
Description  Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IW4081BN Datasheet(HTML) 4 Page - Integral Corp.

  IW4081BN Datasheet HTML 1Page - Integral Corp. IW4081BN Datasheet HTML 2Page - Integral Corp. IW4081BN Datasheet HTML 3Page - Integral Corp. IW4081BN Datasheet HTML 4Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IW4081B
141
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, RL=200kΩ, Input tr=tf=20 ns)
VCC
Guaranteed Limit
Symbol
Parameter
V
≥-55°C25°C
≤125°C
Unit
tPLH, tPHL
Maximum Propagation Delay, Input A or B to
Output Y (Figure 1)
5.0
10
15
250
120
90
250
120
90
500
240
180
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figure 1)
5.0
10
15
200
100
80
200
100
80
400
200
160
ns
CIN
Maximum Input Capacitance
-
7.5
pF
Figure 1. Switching Waveforms
EXPANDED LOGIC DIAGRAM
(1/4 of the Device)


Similar Part No. - IW4081BN

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IW4081BN IKSEMICON-IW4081BN Datasheet
158Kb / 5P
   Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS
More results

Similar Description - IW4081BN

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KK4081B KODENSHI-KK4081B Datasheet
220Kb / 5P
   Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4081B IKSEMICON-IW4081B Datasheet
158Kb / 5P
   Quad 2-Input AND Gate High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4071B ETC1-IW4071B Datasheet
102Kb / 4P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4001B KODENSHI-KK4001B Datasheet
219Kb / 5P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
List of Unclassifed Man...
IW4011BN ETC-IW4011BN Datasheet
110Kb / 4P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK74ACT08 KODENSHI-KK74ACT08 Datasheet
219Kb / 5P
   Quad 2-Input AND Gate High-Speed Silicon-Gate CMOS
KK4011B KODENSHI-KK4011B Datasheet
221Kb / 5P
   Quad 2-Input NAND Gate High-Voltage Silicon-Gate CMOS
logo
Integral Corp.
IW4001B INTEGRAL-IW4001B Datasheet
110Kb / 4P
   Quad 2-Input NOR Gate High-Voltage Silicon-Gate CMOS
logo
IK Semicon Co., Ltd
IW4071B IKSEMICON-IW4071B Datasheet
159Kb / 5P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
logo
KODENSHI_AUK CORP.
KK4071B KODENSHI-KK4071B Datasheet
222Kb / 5P
   Quad 2-Input OR Gate High-Voltage Silicon-Gate CMOS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com