Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD016J0MQAI100 Datasheet(PDF) 3 Page - SPANSION

Part # S29CD016J0MQAI100
Description  32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD016J0MQAI100 Datasheet(HTML) 3 Page - SPANSION

  S29CD016J0MQAI100 Datasheet HTML 1Page - SPANSION S29CD016J0MQAI100 Datasheet HTML 2Page - SPANSION S29CD016J0MQAI100 Datasheet HTML 3Page - SPANSION S29CD016J0MQAI100 Datasheet HTML 4Page - SPANSION S29CD016J0MQAI100 Datasheet HTML 5Page - SPANSION S29CD016J0MQAI100 Datasheet HTML 6Page - SPANSION S29CD016J0MQAI100 Datasheet HTML 7Page - SPANSION S29CD016J0MQAI100 Datasheet HTML 8Page - SPANSION S29CD016J0MQAI100 Datasheet HTML 9Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 76 page
background image
This document states the current technical specifications regarding the Spansion product(s) described herein. The Preliminary status of this document indicates that product qual-
ification has been completed, and that initial production has begun. Due to the phases of the manufacturing process that require maintaining efficiency and quality, this document
may be revised by subsequent versions or modifications due to changes in technical specifications.
Publication Number S29CD-J_CL-J_00
Revision B
Amendment 1
Issue Date September 27, 2006
General Description
The Spansion S29CD-J and S29CL-J devices are Floating Gate products fabricated in 110-nm process
technology. These burst-mode Flash devices are capable of performing simultaneous read and write
operations with zero latency on two separate banks, using separate data and address pins. These products
can operate up to 75 MHz (32 Mb) or 66 MHz (16 Mb), and use a single VCC of 2.5 V to 2.75 V (S29CD-J) or
3.0 V to 3.6 V (S29CL-J) that make them ideal for today’s demanding automotive applications.
Distinctive Characteristics
Single 2.6 V (S29CD-J) or 3.3 V (S29CL-J) for read/program/
erase
110 nm Floating Gate Technology
Simultaneous Read/Write operation with zero latency
x32 Data Bus
Dual Boot Sector Configuration (top and bottom)
Flexible Sector Architecture
– CD016J & CL016J: Eight 2K Double word, Thirty-two 16K Double
word, and Eight 2K Double Word sectors
– CD032J & CL032J: Eight 2K Double word, Sixty-two 16K Double
Word, and Eight 2K Double Word sectors
VersatileI/O™ control (1.65 V to 3.6 V)
Programmable Burst Interface
– Linear for 2, 4, and 8 double word burst with or without wrap around
Secured Silicon Sector that can be either factory or customer
locked
20 year data retention (typical)
Cycling Endurance: 1 million write cycles per sector (typical)
Command set compatible with JEDEC (JC42.4) standard
Supports Common Flash Interface (CFI)
Extended Temperature range
Persistent and Password methods of Advanced Sector
Protection
Unlock Bypass program command to reduce programming
time
ACC input pin to reduce factory programming time
Data Polling bits indicate program and erase operation
completion
Hardware (WP#) protection of two outermost sectors in the
large bank
Ready/Busy (RY/BY#) output indicates data available to
system
Suspend and Resume commands for Program and Erase
Operation
Offered Packages
– 80-pin PQFP
– 80-ball Fortified BGA
– Pb-free package option available
– Known Good Die
Performance Characteristics
S29CD-J & S29CL-J Flash Family
S29CD032J, S29CD016J, S29CL032J, S29CL016J
32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only
Simultaneous Read/Write, Dual Boot, Burst Mode
Flash Memory with VersatileI/O™
Data Sheet (Preliminary)
Read Access Times
Speed Option (MHz)
75
(32 Mb only)
66
56
40
Max Asynch. Access Time, ns (tACC)48
54
54
54
Max Synch. Burst Access, ns (tBACC)
7.5 (FBGA)
8
8
8
Min Initial Clock Delay (clock cycles)
5
4
4
3
Max CE# Access Time, ns (tCE)52
54
54
54
Max OE# Access time, ns (tOE)20
20
20
20
Current Consumption (Max values)
Continuous Burst Read @ 75 MHz
90 mA
Program
50 mA
Erase
50 mA
Standby Mode
60 µA
Typical Program and Erase Times
Double Word Programming
18 µs
Sector Erase
1.0 s


Similar Part No. - S29CD016J0MQAI100

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016J0MDGH014 SPANSION-S29CD016J0MDGH014 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J0MDGH017 SPANSION-S29CD016J0MDGH017 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J0MDGH034 SPANSION-S29CD016J0MDGH034 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J0MDGH037 SPANSION-S29CD016J0MDGH037 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J0MDGH114 SPANSION-S29CD016J0MDGH114 Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results

Similar Description - S29CD016J0MQAI100

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Cypress Semiconductor
S29CD032J CYPRESS-S29CD032J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
logo
Advanced Micro Devices
AM29DL640D AMD-AM29DL640D Datasheet
1Mb / 54P
   64 Megabit CMOS 3.0 Volt-only, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29WS-NL SPANSION-S29WS-NL Datasheet
1Mb / 99P
   256/128/64 MEGABIT CMOS 1.8 VOLT ONLY SIMULTANEOUS READ/WRITE BURST MODE FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com