Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CL016J1JDGH117 Datasheet(PDF) 6 Page - SPANSION

Part # S29CL016J1JDGH117
Description  16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CL016J1JDGH117 Datasheet(HTML) 6 Page - SPANSION

Back Button S29CL016J1JDGH117 Datasheet HTML 2Page - SPANSION S29CL016J1JDGH117 Datasheet HTML 3Page - SPANSION S29CL016J1JDGH117 Datasheet HTML 4Page - SPANSION S29CL016J1JDGH117 Datasheet HTML 5Page - SPANSION S29CL016J1JDGH117 Datasheet HTML 6Page - SPANSION S29CL016J1JDGH117 Datasheet HTML 7Page - SPANSION S29CL016J1JDGH117 Datasheet HTML 8Page - SPANSION S29CL016J1JDGH117 Datasheet HTML 9Page - SPANSION S29CL016J1JDGH117 Datasheet HTML 10Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
S29CD016J/S29CL016J Known Good Die
Revision A2 September 20, 2006
Supplement
(Adv ance
I nf or mation )
3.
Pad Description
Table 3.1 Pads Relative To Die Center (Sheet 1 of 2)
Pad Description – Coordinates are Relative to Die Center
Pad
Signal
Mils
µm
XYXY
1
VSS
87.381
3.347
2219.485
85.016
2
VCC
87.381
8.031
2219.485
203.994
3
CE#
87.381
12.892
2219.485
327.456
4
OE#
87.381
17.556
2219.485
445.921
5
WE#
87.381
22.22
2219.485
564.386
6
WP#
87.381
27.039
2219.485
686.793
7
IND/WAIT#
88.346
39.741
2243.986
1009.432
8
DQ(16)
70.562
46.96
1792.27
1192.773
9
DQ(17)
65.797
46.96
1671.24
1192.773
10
DQ(18)
57.691
46.96
1465.356
1192.773
11
DQ(19)
52.926
46.96
1344.326
1192.773
12
VCCQ
46.4
46.96
1178.57
1192.773
13
VSS
41.738
46.96
1060.153
1192.773
14
DQ(20)
35.235
46.96
894.957
1192.773
15
DQ(21)
30.47
46.96
773.927
1192.773
16
DQ(22)
22.364
46.96
568.043
1192.773
17
DQ(23)
17.599
46.96
447.013
1192.773
18
DQ(24)
–0.093
46.96
–2.356
1192.773
19
DQ(25)
–4.858
46.96
–123.386
1192.773
20
DQ(26)
–12.963
46.96
–329.27
1192.773
21
DQ(27)
–17.728
46.96
–450.3
1192.773
22
VCCQ
–24.254
46.96
–616.056
1192.773
23
VSS
–28.916
46.96
–734.474
1192.773
24
DQ(28)
–35.42
46.96
–899.669
1192.773
25
DQ(29)
–40.185
46.96
–1020.699
1192.773
26
DQ(30)
–48.291
46.96
–1226.583
1192.773
27
DQ(31)
–53.056
46.96
–1347.613
1192.773
28
A0
–69.006
49.02
–1752.741
1245.108
29
A1
–73.77
49.02
–1873.771
1245.108
30
A2
–78.333
49.02
–1989.671
1245.108
31
A3
–88.473
41.504
–2247.216
1054.196
32
A4
–88.473
36.941
–2247.216
938.296
33
A5
–88.473
32.176
–2247.216
817.266
34
A6
–88.473
27.613
–2247.216
701.366
35
A7
–88.473
22.848
–2247.216
580.336
36
A8
–88.473
18.285
–2247.216
464.436
37
VSS
–88.473
13.402
–2247.216
340.414
38
ACC
–88.473
8.245
–2247.216
209.418
39
VCC
–88.473
–11.899
–2247.216
–302.224
40
A9
–88.473
–17
–2247.216
–431.794
41
A10
–88.473
–21.905
–2247.216
–556.387


Similar Part No. - S29CL016J1JDGH117

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CL016J SPANSION-S29CL016J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CL016J SPANSION-S29CL016J Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Cypress Semiconductor
S29CL016J CYPRESS-S29CL016J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
More results

Similar Description - S29CL016J1JDGH117

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com