Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T51253L5BBI Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72T51253L5BBI
Description  2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T51253L5BBI Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72T51253L5BBI Datasheet HTML 4Page - Integrated Device Technology IDT72T51253L5BBI Datasheet HTML 5Page - Integrated Device Technology IDT72T51253L5BBI Datasheet HTML 6Page - Integrated Device Technology IDT72T51253L5BBI Datasheet HTML 7Page - Integrated Device Technology IDT72T51253L5BBI Datasheet HTML 8Page - Integrated Device Technology IDT72T51253L5BBI Datasheet HTML 9Page - Integrated Device Technology IDT72T51253L5BBI Datasheet HTML 10Page - Integrated Device Technology IDT72T51253L5BBI Datasheet HTML 11Page - Integrated Device Technology IDT72T51253L5BBI Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
8
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T51233/72T51243/72T51253 2.5V, MULTI-QUEUE FLOW-CONTROL DEVICES
(4 QUEUES) 18 BIT WIDE CONFIGURATION 589,824, 1,179,648 and 2,359,296 bits
OE
OutputEnable
HSTL-LVTTL in High Impedance. If a device is configured a “Slave” device, then the Qout data outputs will always be
(Continued)
INPUT
inHighImpedanceuntilthatdevicehasbeenselectedontheReadPort,atwhichpoint
OEprovidesthree-
(M14)
state of that respective device.
OV
OutputValid
HSTL-LVTTL Thisoutputflagprovidesoutputvalidstatusforthedatawordpresentonthemulti-queueflow-controldevice
(P9)
Flag
OUTPUT
data output port, Qout. This flag is therefore, 2-stage delayed to match the data output path delay. That
is, there is a 2 RCLK cycle delay from the time a given queue is selected for reads, to the time the
OVflag
represents the data in that respective queue. When a selected queue on the read port is read to empty,
the
OV flag will go HIGH, indicating that data on the output bus is not valid. The OV flag also has High-
Impedance capability, required when multiple devices are used and the
OV flags are tied together.
OW(1)
OutputWidth
LVTTL
OW selects the bus width for the data output bus. If OW is LOW during a Master Reset then the bus width
(L16)
INPUT
is x18, if HIGH then it is x9.
PAE
Programmable
HSTL-LVTTL This pin provides the Almost-Empty flag status for the queue that has been selected on the output port
(P10)
Almost-Empty
OUTPUT
for read operations, (selected via RCLK, RDADD and RADEN). This pin is LOW when the selected
Flag
queue is almost-empty. This flag output may be duplicated on one of the
PAEn bus lines. This flag is
synchronized to RCLK.
PAEn
Programmable
HSTL-LVTTL On the 4Q device the
PAEn bus is 8 bits wide. During a Master Reset this bus is setup for Almost Empty
(
PAE3-P13
Almost-Empty
OUTPUT
mode.Thisoutputbusprovides
PAEstatusof4queueswithinaselecteddevice.Duringqueueread/write
PAE2-R13
Flag Bus
operations these outputs provide programmable empty flag status, in either direct or polled mode. The
PAE1-T13
modeofflagoperationisdeterminedduringmasterresetviathestateoftheFMinput.Thisflagbusiscapable
PAE0-T14)
of High-Impedance state, this is important during expansion of multi-queue devices. During direct
operation the
PAEnbusisupdatedtoshowthePAEstatusofqueueswithinaselecteddevice.Selection
is made using RCLK, ESTR and RDADD. During Polled operation the
PAEnbusisloadedwiththePAE
status of multi-queue flow-control devices sequentially based on the rising edge of RCLK.
PAF
Programmable
HSTL-LVTTL ThispinprovidestheAlmost-Fullflagstatusforthequeuethathasbeenselectedontheinputportforwrite
(R8)
Almost-FullFlag
OUTPUT
operations,(selectedviaWCLK,WRADDandWADEN).ThispinisLOWwhentheselectedqueueisalmost-
full. This flag output may be duplicated on one of the
PAFnbuslines.ThisflagissynchronizedtoWCLK.
PAFn
Programmable
HSTL-LVTTL On the 4Q device the
PAFn bus is 8 bits wide. This output bus provides PAF status of 4 queues within
(
PAF3-P5
Almost-FullFlag
OUTPUT
a selected device. During queue read/write operations these outputs provide programmable full flag
PAF2-R5
Bus
status, in either direct or polled mode. The mode of flag operation is determined during master reset via
PAF1-T5
thestateoftheFMinput.ThisflagbusiscapableofHigh-Impedancestate,thisisimportantduringexpansion
PAF0-T4)
ofmulti-queuedevices.Duringdirectoperationthe
PAFnbusisupdatedtoshowthePAFstatusofqueues
within a selected device. Selection is made using WCLK, FSTR, WRADD and WADEN. During Polled
operation the
PAFnbusisloadedwiththe PAF statusofmulti-queueflow-controldevicessequentially
based on the rising edge of WCLK.
PD
Power Down
HSTL
This input is used to provide additional power savings. When the device I/O is setup for HSTL/eHSTL
(K1)
INPUT
mode a HIGH on the PD input disables the data inputs on the write port only, providing significant power
savings. In LVTTL mode this pin has no operation
PRS
PartialReset
HSTL-LVTTL APartialResetcanbeperformedonasinglequeueselectedwithinthemulti-queuedevice.BeforeaPartial
(T8)
INPUT
Reset can be performed on a queue, that queue must be selected on both the write port and read port
2 clock cycles before the reset is performed. A Partial Reset is then performed by taking
PRS LOW for
one WCLK cycle and one RCLK cycle. The Partial Reset will only reset the read and write pointers to
the first memory location, none of the devices configuration will be changed.
Q[17:0]
Data Output Bus HSTL-LVTTL These are the 18 data output pins. Data is read out of the device via these output pins on the rising edge
Qout (See Pin
OUTPUT
of RCLK provided that
REN is LOW, OE is LOW and the queue is selected. Due to bus matching not
table for details)
all outputs may be used, any unused outputs should not be connected.
RADEN
Read Address
HSTL-LVTTL The RADEN input is used in conjunction with RCLK and the RDADD address bus to select a queue to
(R14)
Enable
INPUT
be read from. A queue addressed via the RDADD bus is selected on the rising edge of RCLK provided
that RADEN is HIGH. RADEN should be asserted (HIGH) only during a queue change cycle(s). RADEN
should not be permanently tied HIGH. RADEN cannot be HIGH for the same RCLK cycle as ESTR. Note,
that a read queue selection cannot be made, (RADEN must NOT go active) until programming of the part
has been completed and
SENO has gone LOW.
PIN DESCRIPTIONS (CONTINUED)
Symbol &
Name
I/O TYPE
Description
Pin No.


Similar Part No. - IDT72T51253L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51256 IDT-IDT72T51256 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51256L5BB IDT-IDT72T51256L5BB Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51256L5BBI IDT-IDT72T51256L5BBI Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51256L6BB IDT-IDT72T51256L6BB Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51256L6BBI IDT-IDT72T51256L6BBI Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T51253L5BBI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51236 IDT-IDT72T51236 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51543 IDT-IDT72T51543 Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com