Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L6234 Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6234
Description  THREE PHASE MOTOR DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6234 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6234 Datasheet HTML 2Page - STMicroelectronics L6234 Datasheet HTML 3Page - STMicroelectronics L6234 Datasheet HTML 4Page - STMicroelectronics L6234 Datasheet HTML 5Page - STMicroelectronics L6234 Datasheet HTML 6Page - STMicroelectronics L6234 Datasheet HTML 7Page - STMicroelectronics L6234 Datasheet HTML 8Page - STMicroelectronics L6234 Datasheet HTML 9Page - STMicroelectronics L6234 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Figure 8. PowerSO-20 Transient Thermal Re-
sistance
Figure 10. PowerSO-20 Thermal Resistance
(Mounted on FR4 monolayer substrate)
Figure 9. PowerSO-20 Thermal Resistance
(Mounted on Aluminium substrate)
Figure 11. PowerSO-20: with external heatsink
Figure 12. Thermal Impedance of PowerSO-20
and standard SO20
-5 0
-25
0
2 5
5 0
7 5
1 00
1 2 5
1 50
0
1
2
3
4
5
6
7
8
9
10
11
T j [°C ]
V re f [V ]
Vs = 5 2 V
Vs = 2 4 V
Vs = 7 V
Vs = 1 0 V
Figure 7. Reference Voltage vs. Junction Tem-
perature.
L6234
7/10


Similar Part No. - L6234

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234 STMICROELECTRONICS-L6234 Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
L6234PD STMICROELECTRONICS-L6234PD Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234PD STMICROELECTRONICS-L6234PD Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
   Three phase motor driver
More results

Similar Description - L6234

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6234 STMICROELECTRONICS-L6234 Datasheet
116Kb / 10P
   THREE PHASE MOTOR DRIVER
L6234PD013TR STMICROELECTRONICS-L6234PD013TR Datasheet
510Kb / 16P
   Three phase motor driver
L6234 STMICROELECTRONICS-L6234_V01 Datasheet
494Kb / 16P
   Three phase motor driver
Rev 10
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13412 HITACHI-HA13412 Datasheet
91Kb / 4P
   THREE PHASE BRUSHIESS MOTOR DRIVER
logo
Sanyo Semicon Device
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
TRINAMIC Motion Control...
TMC389 TRINAMIC-TMC389 Datasheet
1Mb / 48P
   three phase stepper motor driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
DRV3204-Q1 TI-DRV3204-Q1_15 Datasheet
460Kb / 38P
[Old version datasheet]   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com