Electronic Components Datasheet Search |
|
S25FL040A0LNAI001 Datasheet(PDF) 9 Page - SPANSION |
|
S25FL040A0LNAI001 Datasheet(HTML) 9 Page - SPANSION |
9 / 35 page August 31, 2006 S25FL040A_00_B0 S25FL040A 7 Da ta Shee t (Prelim i nar y ) 3. Input/Output Descriptions 4. Logic Symbol Signal Name I/O Description SO (Signal Data Output) Output Transfers data serially out of the device on the falling edge of SCK. SI (Serial Data Input) Input Transfers data serially into the device. Device latches commands, addresses, and program data on SI on the rising edge of SCK. SCK (Serial Clock) Input Provides serial interface timing. Latches commands, addresses, and data on SI on rising edge of SCK. Triggers output on SO after the falling edge of SCK. CS# (Chip Select) Input Places device in active power mode when driven low. Deselects device and places SO at high impedance when high. After power-up, device requires a falling edge on CS# before any command is written. Device is in standby mode when a program, erase, or Write Status Register operation is not in progress. HOLD# (Hold) Input Pauses any serial communication with the device without deselecting it. When driven low, SO is at high impedance, and all input at SI and SCK are ignored. Requires that CS# also be driven low. W# (Write Protect) Input Protects the memory area specified by Status Register bits BP2:BP0. When driven low, prevents any program or erase command from altering the data in the protected memory area. VCC Input Supply Voltage GND Input Ground CS# SO W# GND SI SCK HOLD# VCC |
Similar Part No. - S25FL040A0LNAI001 |
|
Similar Description - S25FL040A0LNAI001 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |