Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72T51253 Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72T51253
Description  2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72T51253 Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72T51253 Datasheet HTML 6Page - Integrated Device Technology IDT72T51253 Datasheet HTML 7Page - Integrated Device Technology IDT72T51253 Datasheet HTML 8Page - Integrated Device Technology IDT72T51253 Datasheet HTML 9Page - Integrated Device Technology IDT72T51253 Datasheet HTML 10Page - Integrated Device Technology IDT72T51253 Datasheet HTML 11Page - Integrated Device Technology IDT72T51253 Datasheet HTML 12Page - Integrated Device Technology IDT72T51253 Datasheet HTML 13Page - Integrated Device Technology IDT72T51253 Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
10
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72T51233/72T51243/72T51253 2.5V, MULTI-QUEUE FLOW-CONTROL DEVICES
(4 QUEUES) 18 BIT WIDE CONFIGURATION 589,824, 1,179,648 and 2,359,296 bits
PIN DESCRIPTIONS (CONTINUED)
SI
Serial In
HSTL-LVTTL modetheserialdatainputisloadedintothefirstdeviceinachain.Whenthatdeviceisloadedandits
SENO
(Continued)
INPUT
hasgoneLOW,thedatapresentonSIwillbedirectlyoutputtotheSOoutput.TheSOpinofthefirstdevice
(L1)
connects to the SI pin of the second and so on. The multi-queue device setup registers are shift registers.
SO
Serial Out
HSTL-LVTTL This output is used in expansion mode and allows serial data to be passed through devices in the chain
(M3)
OUTPUT
to complete programming of all devices. The SI of a device connects to SO of the previous device in the
chain. The SO of the final device in a chain should not be connected.
TCK(2)
JTAG Clock
LVTTL
Clock input for JTAG function. One of four terminals required by IEEE Standard 1149.1-1990. Test
(A8)
INPUT
operations of the device are synchronous to TCK. Data from TMS and TDI are sampled on the rising
edge of TCK and outputs change on the falling edge of TCK. If the JTAG function is not used this signal
needs to be tied to GND.
TDI(2)
JTAG Test Data
LVTTL
One of four terminals required by IEEE Standard 1149.1-1990. During the JTAG boundary scan
(B9)
Input
INPUT
operation,testdataseriallyloadedviatheTDIontherisingedgeofTCKtoeithertheInstructionRegister,
ID Register and Bypass Register. An internal pull-up resistor forces TDI HIGH if left unconnected.
TDO(2)
JTAG Test Data
LVTTL
One of four terminals required by IEEE Standard 1149.1-1990. During the JTAG boundary scan
(A9)
Output
OUTPUT
operation,testdataseriallyloadedoutputviatheTDOonthefallingedgeofTCKfromeithertheInstruction
Register, ID Register and Bypass Register. This output is high impedance except when shifting, while
in SHIFT-DR and SHIFT-IR controller states.
TMS(2)
JTAG Mode
LVTTL
TMS is a serial input pin. One of four terminals required by IEEE Standard 1149.1-1990. TMS directs the
(B8)
Select
INPUT
devicethroughitsTAPcontrollerstates.Aninternalpull-upresistorforcesTMSHIGHifleftunconnected.
TRST(2)
JTAG Reset
LVTTL
TRSTisanasynchronousresetpinfortheJTAGcontroller.TheJTAGTAPcontrollerdoesnotautomatically
(C7)
INPUT
reset upon power-up, thus it must be reset by either this signal or by setting TMS= HIGH for five TCK
cycles. If the TAP controller is not properly reset then the outputs will always be in high-impedance. If the
JTAGfunctionisusedbuttheuserdoesnotwanttouse
TRST,thenTRSTcanbetiedwithMRStoensure
proper queue operation. If the JTAG function is not used then this signal needs to be tied to GND. An
internal pull-up resistor forces
TRST HIGH if left unconnected.
WADEN
WriteAddress
LVTTL
The WADEN input is used in conjunction with WCLK and the WRADD address bus to select a queue to
(P4)
Enable
INPUT
be written in to. A queue addressed via the WRADD bus is selected on the rising edge of WCLK provided
thatWADENisHIGH.WADENshouldbeasserted(HIGH)onlyduringaqueuecycle(s).WADENshould
not be permanently tied HIGH. WADEN cannot be HIGH for the same WCLK cycle as FSTR. Note, that
awritequeueselectioncannotbemade,(WADENmustNOTgoactive)untilprogrammingoftheparthas
been completed and
SENO has gone LOW.
WCLK
WriteClock
HSTL-LVTTL When enabled by
WEN, the rising edge of WCLK writes data into the selected queue via the input bus,
(T7)
INPUT
Din. The queue to be written to is selected via the WRADD address bus and a rising edge of WCLK while
WADEN is HIGH. A rising edge of WCLK in conjunction with FSTR and WRADD will also select the flag
quadrant to be placed on the
PAFnbusduringdirectflagoperation.DuringpolledflagoperationthePAFn
bus is cycled with respect to WCLK and the FSYNC signal is synchronized to WCLK. The
PAFn,PAFand
FF outputsareallsynchronizedtoWCLK.DuringdeviceexpansiontheFXOandFXIsignalsarebased
on WCLK. The WCLK must be continuous and free-running.
WEN
WriteEnable
HSTL-LVTTL The
WEN inputenableswriteoperationstoaselectedqueuebasedonarisingedgeofWCLK.Aqueue
(T6)
INPUT
to be written to can be selected via WCLK, WADEN and the WRADD address bus regardless of the state
of
WEN. Data present on Din can be written to a newly selected queue on the second WCLK cycle after
queue selection provided that
WENisLOW.AwriteenableisnotrequiredtocyclethePAFnbus(inpolled
mode) or to select the
PAFn quadrant , (in direct mode).
WRADD
WriteAddress
HSTL-LVTTL For the 4Q device the WRADD bus is 5 bits. The WRADD bus is a dual purpose address bus. The first
[4:0]
Bus
INPUT
functionofWRADDistoselectaqueuetobewrittento.Theleastsignificant2bitsofthebus,WRADD[1:0]
(WRADD4-T1
are used to address 1 of 4 possible queues within a multi-queue device. The most significant 3 bits,
WRADD3-R1
WRADD[4:2] are used to select 1 of 8 possible multi-queue devices that may be connected in expansion
WRADD2-R2
mode. These 3 MSB’s will address a device with the matching ID code. The address present on the
WRADD1-N1
WRADD bus will be selected on a rising edge of WCLK provided that WADEN is HIGH, (note, that data
WRADD0-N2)
present on the Din bus can be written into the previously selected queue on this WCLK edge and on the
Symbol &
Name
I/O TYPE
Description
Pin No.


Similar Part No. - IDT72T51253

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51256 IDT-IDT72T51256 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51256L5BB IDT-IDT72T51256L5BB Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51256L5BBI IDT-IDT72T51256L5BBI Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51256L6BB IDT-IDT72T51256L6BB Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51256L6BBI IDT-IDT72T51256L6BBI Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
More results

Similar Description - IDT72T51253

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72T51546 IDT-IDT72T51546 Datasheet
610Kb / 64P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 36 BIT WIDE CONFIGURATION 1,179,648 bits and 2,359,296 bits
IDT72T51236 IDT-IDT72T51236 Datasheet
606Kb / 62P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51333 IDT-IDT72T51333 Datasheet
524Kb / 55P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION 589,824 bits, 1,179,648 bits and 2,359,296 bits
IDT72T51543 IDT-IDT72T51543 Datasheet
539Kb / 57P
   2.5V MULTI-QUEUE FLOW-CONTROL DEVICES (32 QUEUES) 18 BIT WIDE CONFIGURATION
logo
Renesas Technology Corp
IDT72V51236 RENESAS-IDT72V51236 Datasheet
650Kb / 57P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51436 RENESAS-IDT72V51436 Datasheet
673Kb / 58P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 36 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51433 RENESAS-IDT72V51433 Datasheet
594Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (16 QUEUES) 18 BIT WIDE CONFIGURATION
JUNE 2003
IDT72V51233 RENESAS-IDT72V51233 Datasheet
662Kb / 51P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72V51233 IDT-IDT72V51233 Datasheet
464Kb / 50P
   3.3V MULTI-QUEUE FLOW-CONTROL DEVICES (4 QUEUES) 18 BIT WIDE CONFIGURATION
IDT72T6360 IDT-IDT72T6360 Datasheet
483Kb / 51P
   2.5V SEQUENTIAL FLOW-CONTROL DEVICE 36 BIT WIDE CONFIGURATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com