Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CL016J1MDGH014 Datasheet(PDF) 8 Page - SPANSION

Part # S29CL016J1MDGH014
Description  16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CL016J1MDGH014 Datasheet(HTML) 8 Page - SPANSION

Back Button S29CL016J1MDGH014 Datasheet HTML 4Page - SPANSION S29CL016J1MDGH014 Datasheet HTML 5Page - SPANSION S29CL016J1MDGH014 Datasheet HTML 6Page - SPANSION S29CL016J1MDGH014 Datasheet HTML 7Page - SPANSION S29CL016J1MDGH014 Datasheet HTML 8Page - SPANSION S29CL016J1MDGH014 Datasheet HTML 9Page - SPANSION S29CL016J1MDGH014 Datasheet HTML 10Page - SPANSION S29CL016J1MDGH014 Datasheet HTML 11Page - SPANSION S29CL016J1MDGH014 Datasheet HTML 12Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
8
S29CD016J/S29CL016J Known Good Die
Revision A2 September 20, 2006
Supplement
(Adv ance
I nf or mation )
4.
Ordering Information
The order number (Valid Combination) is formed by the following:
4.1
Valid Combinations
Valid Combinations list configurations planned to be supported in volume for this device. Consult your local
sales office to confirm availability of specific valid combinations and to 0c\\heck on newly released
combinations.
S29CD016J
S29CL016J
0J
D
E
I
00
4
PACKING TYPE
4 =
Surf Tape (2500 per reel)
7 =
Waffle Pack (42 per waffle pack tray)
ADDITIONAL ORDERING OPTIONS
15th Character – S29CD016J only:
0 =
7E, 08, 01/00 Autoselect ID
1 =
7E, 36, 01/00 Autoselect ID
15th Character – S29CL016J only:
0 =
7E, 46, 01/00 Autoselect ID
16th Character – Top or Bottom Boot:
1 =
Bottom Boot with Simultaneous Operation
3 =
Bottom Boot with No Simultaneous Operation
TEMPERATURE RANGE
H =
Hot (–40
°C to +145°C)
DIE THICKNESS
G =
500 µm
PACKAGE TYPE
D=
Die
CLOCK FREQUENCY
10th Character - Initial Burst Access Delay
0 =
5-1-1-1, 6-1-1-1, and above
1 =
4-1-1-1
11h Character - Frequency
J =
40 Mhz
M =
56 Mhz
DEVICE NUMBER/DESCRIPTION
S29CD016J/S29CL016J
16 Megabit (512K x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode,
Dual Boot, Simultaneous Read/Write Flash Memory
Manufactured on 110 nm Floating Gate Technology
S29CL016J/S29CL016J Valid Combinations
S29CD016J
OJ, 1J, OM
DGH
01, 03, 11, 13
1M
03, 13
S29CL016J
OJ, 1J, OM, 1M
01, 03


Similar Part No. - S29CL016J1MDGH014

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CL016J SPANSION-S29CL016J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CL016J SPANSION-S29CL016J Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Cypress Semiconductor
S29CL016J CYPRESS-S29CL016J Datasheet
1Mb / 74P
   32/16 Mbit, 2.6/3.3 V, Dual Boot,Simultaneous Read/Write, Burst Flash
More results

Similar Description - S29CL016J1MDGH014

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com