Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD016J0JDGH014 Datasheet(PDF) 7 Page - SPANSION

Part # S29CD016J0JDGH014
Description  16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD016J0JDGH014 Datasheet(HTML) 7 Page - SPANSION

Back Button S29CD016J0JDGH014 Datasheet HTML 3Page - SPANSION S29CD016J0JDGH014 Datasheet HTML 4Page - SPANSION S29CD016J0JDGH014 Datasheet HTML 5Page - SPANSION S29CD016J0JDGH014 Datasheet HTML 6Page - SPANSION S29CD016J0JDGH014 Datasheet HTML 7Page - SPANSION S29CD016J0JDGH014 Datasheet HTML 8Page - SPANSION S29CD016J0JDGH014 Datasheet HTML 9Page - SPANSION S29CD016J0JDGH014 Datasheet HTML 10Page - SPANSION S29CD016J0JDGH014 Datasheet HTML 11Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
September 20, 2006 Revision A2
S29CD016J/S29CL016J Known Good Die
7
Supplement
(Adv an ce
Inf o r m atio n)
42
A11
–88.473
–26.468
–2247.216
–672.287
43
A12
–88.473
–31.233
–2247.216
–793.317
44
A13
–88.473
–35.796
–2247.216
–909.217
45
A14
–88.473
–40.561
–2247.216
–1030.247
46
A15
–88.473
–45.124
–2247.216
–1146.147
47
A16
–78.333
–49.192
–1989.671
–1249.469
48
A17
–73.77
–49.192
–1873.771
–1249.469
49
A18
–69.006
–49.192
–1752.741
–1249.469
50
DQ(0)
–53.056
–47.131
–1347.613
–1197.133
51
DQ(1)
–48.291
–47.131
–1226.583
–1197.133
52
DQ(2)
–40.185
–47.131
–1020.699
–1197.133
53
DQ(3)
–35.42
–47.131
–899.669
–1197.133
54
VCCQ
–28.894
–47.131
–733.913
–1197.133
55
VSS
–24.232
–47.131
–615.496
–1197.133
56
DQ(4)
–17.728
–47.131
–450.3
–1197.133
57
DQ(5)
–12.963
–47.131
–329.27
–1197.133
58
DQ(6)
–4.858
–47.131
–123.386
–1197.133
59
DQ(7)
–0.093
–47.131
–2.356
–1197.133
60
DQ(8)
17.599
–47.131
447.013
–1197.133
61
DQ(9)
22.364
–47.131
568.043
–1197.133
62
DQ(10)
30.47
–47.131
773.927
–1197.133
63
DQ(11)
35.235
–47.131
894.957
–1197.133
64
VCCQ
41.76
–47.131
1060.713
–1197.133
65
VSS
46.422
–47.131
1179.131
–1197.133
66
DQ(12)
52.926
–47.131
1344.326
–1197.133
67
DQ(13)
57.691
–47.131
1465.356
–1197.133
68
DQ(14)
65.797
–47.131
1671.24
–1197.133
69
DQ(15)
70.562
–47.131
1792.27
–1197.133
70
VCCQ
87.381
–42.383
2219.485
–1076.54
71
RESET#
87.381
–36.499
2219.485
–927.067
72
CLK
87.381
–31.394
2219.485
–797.402
73
RY/BY#
88.346
–19.018
2243.986
–483.066
74
ADV#
87.381
–11.386
2219.485
–289.199
Table 3.1 Pads Relative To Die Center (Sheet 2 of 2)
Pad Description – Coordinates are Relative to Die Center
Pad
Signal
Mils
µm
XYXY


Similar Part No. - S29CD016J0JDGH014

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016J0JFAI000 SPANSION-S29CD016J0JFAI000 Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD016J0JFAI002 SPANSION-S29CD016J0JFAI002 Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD016J0JFAI003 SPANSION-S29CD016J0JFAI003 Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD016J0JFAI033 SPANSION-S29CD016J0JFAI033 Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD016J0JFAI100 SPANSION-S29CD016J0JFAI100 Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
More results

Similar Description - S29CD016J0JDGH014

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD-G SPANSION-S29CD-G Datasheet
1Mb / 87P
   32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29CD032G SPANSION-S29CD032G Datasheet
1Mb / 93P
   CMOS 2.5 VOLT ONLY BURST MODE DUAL BOOT, SIMULTANEOUS READ /WRITE FLASH MEMORY
logo
Advanced Micro Devices
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com