Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S29CD-G Datasheet(PDF) 50 Page - SPANSION

Part # S29CD-G
Description  32 Megabit (1M x 32-Bit), 16 Megabit (512K x 32-Bit) 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/ Write Flash Memory with VersatileI/O
Download  87 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S29CD-G Datasheet(HTML) 50 Page - SPANSION

Back Button S29CD-G Datasheet HTML 46Page - SPANSION S29CD-G Datasheet HTML 47Page - SPANSION S29CD-G Datasheet HTML 48Page - SPANSION S29CD-G Datasheet HTML 49Page - SPANSION S29CD-G Datasheet HTML 50Page - SPANSION S29CD-G Datasheet HTML 51Page - SPANSION S29CD-G Datasheet HTML 52Page - SPANSION S29CD-G Datasheet HTML 53Page - SPANSION S29CD-G Datasheet HTML 54Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 87 page
background image
48
S29CD-G Flash Family
S29CD-G_00_B0 November 14, 2005
Prel imi n ary
Notes:
1.See Table 41 and Table 42 for erase command sequence.
2.See DQ3: Sector Erase Timer for more information.
Figure 5. Erase Operation
Erase Suspend mode, the Reset command is not required for read operations and is ignored) or
program operations in sectors not being erased. Any other command written during the Erase
Suspend mode is ignored, except for the Sector Erase and Program Resume command. Writing
the Erase and Program Resume command resumes the sector erase operation. The bank address
of the erase suspended bank is required when writing this command
If the Sector Erase and Program Suspend command is written during a programming operation,
the device suspends programming operations and allows only read operations in sectors not se-
lected for programming. Further nesting of either erase or programming operations is not
permitted. Table 40 summarizes permissible operations during Erase and Program Suspend. (A
busy sector is one that is selected for programming or erasure.):
When the Sector Erase and Program Suspend command is written during a Sector Erase opera-
tion, the chip takes between 0.1 µs and 20 µs to actually suspend the operation and go into the
erase suspended read mode (pseudo-read mode), at which time the user can read or program
from a sector that is not erase suspended. Reading data in this mode is the same as reading from
the standard read mode, except that the data must be read from sectors that were not erase
suspended.
Polling DQ6 on two immediately consecutive reads from a given address provides the system with
the ability to determine if the device is in Erase or Program Suspend. Before the device enters
Erase or Program Suspend, the DQ6 pin toggles between two immediately consecutive reads from
the same address. After the device enters Erase suspend, DQ6 stops toggling between two im-
Table 40. Allowed Operations During Erase/Program Suspend
Sector
Program Suspend
Erase Suspend
Busy Sector
Program Resume
Erase Resume
Non-busy sectors
Read Only
Read or Program
START
Write Erase
Command Sequence
Data Poll
from System
Data = FFh?
No
Yes
Erasure Completed
Embedded
Erase
algorithm
in progress


Similar Part No. - S29CD-G

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
More results

Similar Description - S29CD-G

ManufacturerPart #DatasheetDescription
logo
SPANSION
S29CD016G SPANSION-S29CD016G Datasheet
1Mb / 91P
   16 Megabit (512 K x 32-Bit) CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
S29CD016J SPANSION-S29CD016J Datasheet
450Kb / 15P
   16 Megabit (512k x 32-Bit) CMOS 2.6 or 3.3 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDS320G SPANSION-AM29BDS320G Datasheet
1Mb / 74P
   32 Megabit (2 M x 16-Bit), 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
S29CD-J SPANSION-S29CD-J Datasheet
1Mb / 76P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O
logo
Advanced Micro Devices
AM29BDD160G AMD-AM29BDD160G Datasheet
3Mb / 80P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
AM29BDD160G AMD-AM29BDD160G_06 Datasheet
1Mb / 79P
   16 Megabit (1 M x 16-bit/512 K x 32-Bit), CMOS 2.5 Volt-only Burst Mode, Dual Boot, Simultaneous Read/Write Flash Memory
logo
SPANSION
S29CD-J SPANSION-S29CD-J_12 Datasheet
2Mb / 81P
   32/16 Megabit CMOS 2.6 Volt or 3.3 Volt-Only Simultaneous Read/Write, Dual Boot, Burst Mode Flash Memory with VersatileI/O?
logo
Advanced Micro Devices
AM29BDS323D AMD-AM29BDS323D Datasheet
746Kb / 44P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
AM29N323D AMD-AM29N323D Datasheet
824Kb / 48P
   32 Megabit (2 M x 16-Bit) CMOS 1.8 Volt-only Simultaneous Read/Write, Burst Mode Flash Memory
logo
SPANSION
S29JL032J70TFI420 SPANSION-S29JL032J70TFI420 Datasheet
1Mb / 63P
   32 Megabit (4M x 8-Bit/2M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com