Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ADM3072E Datasheet(PDF) 12 Page - Analog Devices

Part No. ADM3072E
Description  3.3 V, ±15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

ADM3072E Datasheet(HTML) 12 Page - Analog Devices

Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E
Rev. A | Page 12 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
1.2
0.5
–40
TEMPERATURE (°C)
–10
20
50
80
1.1
1.0
0.9
0.8
0.7
0.6
110
Figure 15. Supply Current vs. Temperature
03.5
OUTPUT HIGH VOLTAGE (V)
0.51.0
1.52.02.53.0
–18
0
–16
–14
–12
–10
–8
–6
–4
–2
OUTPUT LOW VOLTAGE (V)
Figure 16. Output Current vs. Receiver Output High Voltage
25
0
03.5
0.51.0
1.52.02.53.0
20
15
10
5
Figure 17. Output Current vs. Receiver Output Low Voltage
3.30
3.00
–50
125
TEMPERATURE (°C)
3.25
3.20
3.15
3.10
3.05
–25
0
25
50
75
100
IRO = –1mA
Figure 18. Receiver Output High Voltage vs. Temperature
0.7
0
–50
125
TEMPERATURE (°C)
0.6
0.5
0.4
0.3
0.2
0.1
–25
0
25
50
75
100
IRO = 1mA
100
0
03.5
DIFFERENTIAL OUTPUT VOLTAGE (V)
Figure 19. Receiver Output Low Voltage vs. Temperature
0.51.0
1.52.02.53.0
90
80
70
60
50
40
30
20
10
Figure 20. Driver Output Current vs. Differential Output Voltage


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn