Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KA7806A Datasheet(PDF) 11 Page - Fairchild Semiconductor

Part # KA7806A
Description  3-Terminal 1A Positive Voltage Regulator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

KA7806A Datasheet(HTML) 11 Page - Fairchild Semiconductor

Back Button KA7806A Datasheet HTML 7Page - Fairchild Semiconductor KA7806A Datasheet HTML 8Page - Fairchild Semiconductor KA7806A Datasheet HTML 9Page - Fairchild Semiconductor KA7806A Datasheet HTML 10Page - Fairchild Semiconductor KA7806A Datasheet HTML 11Page - Fairchild Semiconductor KA7806A Datasheet HTML 12Page - Fairchild Semiconductor KA7806A Datasheet HTML 13Page - Fairchild Semiconductor KA7806A Datasheet HTML 14Page - Fairchild Semiconductor KA7806A Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
KA78XX/KA78XXA
11
Electrical Characteristics (KA7805A)
(Refer to the test circuits. 0oC < TJ < +125
oC, Io =1A, V I = 10V, C I=0.33
µF, C O=0.1µF, unless otherwise speci-
fied)
Note:
1. Load and line regulation are specified at constant junction temperature. Change in VO due to heating effects must be taken
into account separately. Pulse testing with low duty is used.
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Output Voltage
VO
TJ =+25
oC4.9
5
5.1
V
IO = 5mA to 1A, PO
≤ 15W
VI = 7.5V to 20V
4.8
5
5.2
Line Regulation (Note1)
Regline
VI = 7.5V to 25V
IO = 500mA
-5
50
mV
VI = 8V to 12V
-
3
50
TJ =+25
oC
VI= 7.3V to 20V
-
5
50
VI= 8V to 12V
-
1.5
25
Load Regulation (Note1)
Regload
TJ =+25
oC
IO = 5mA to 1.5A
-
9
100
mV
IO = 5mA to 1A
-
9
100
IO = 250mA to 750mA
-
4
50
Quiescent Current
IQ
TJ =+25
oC-
5.0
6.0
mA
Quiescent Current
Change
∆IQ
IO = 5mA to 1A
-
-
0.5
mA
VI = 8 V to 25V, IO = 500mA
-
-
0.8
VI = 7.5V to 20V, TJ =+25
oC-
-
0.8
Output Voltage Drift
∆V/∆T
Io = 5mA
-
-0.8
-
mV/ oC
Output Noise Voltage
VN
f = 10Hz to 100KHz
TA =+25
oC
-10
-
µV/Vo
Ripple Rejection
RR
f = 120Hz, IO = 500mA
VI = 8V to 18V
-68
-
dB
Dropout Voltage
VDrop
IO = 1A, TJ =+25
oC-
2
-
V
Output Resistance
rO
f = 1KHz
-
17
-
m
Short Circuit Current
ISC
VI= 35V, TA =+25
oC
-
250
-
mA
Peak Current
IPK
TJ= +25
oC-
2.2
-
A


Similar Part No. - KA7806A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7806A FAIRCHILD-KA7806A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
TAITRON Components Inco...
KA7806A TAITRON-KA7806A Datasheet
75Kb / 1P
   Voltage Regulators
logo
Fairchild Semiconductor
KA7806AE FAIRCHILD-KA7806AE Datasheet
254Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
KA7806AE FAIRCHILD-KA7806AE Datasheet
568Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
KA7806AE FAIRCHILD-KA7806AE Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
More results

Similar Description - KA7806A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA7810A FAIRCHILD-KA7810A Datasheet
227Kb / 28P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7824J TGS-LM7824J_17 Datasheet
201Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX UTC-LM78XX_05 Datasheet
238Kb / 10P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
MC780XXE FAIRCHILD-MC780XXE Datasheet
253Kb / 26P
   3-Terminal 1A Positive Voltage Regulator
LM7805A FAIRCHILD-LM7805A Datasheet
335Kb / 23P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7815 TGS-LM7815 Datasheet
74Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
logo
Unisonic Technologies
LM78XX_1109 UTC-LM78XX_1109 Datasheet
333Kb / 13P
   3-TERMINAL 1A POSITIVE VOLTAGE REGULATOR
logo
Fairchild Semiconductor
KA78XXE FAIRCHILD-KA78XXE_09 Datasheet
981Kb / 29P
   3-Terminal 1A Positive Voltage Regulator
logo
Tiger Electronic Co.,Lt...
LM7805J TGS-LM7805J Datasheet
87Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7908J TGS-LM7908J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
LM7918J TGS-LM7918J Datasheet
105Kb / 1P
   3-Terminal 1A Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com