Electronic Components Datasheet Search |
|
ADM3077E Datasheet(PDF) 8 Page - Analog Devices |
|
ADM3077E Datasheet(HTML) 8 Page - Analog Devices |
8 / 20 page ADM3070E/ADM3071E/ADM3072E/ADM3073E/ADM3074E/ADM3075E/ADM3076E/ADM3077E/ADM3078E Rev. A | Page 8 of 20 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 6. Parameter Rating VCC to GND −0.3 V to +6 V Digital Input/Output Voltage (DE, RE, DI) −0.3 V to +6 V Receiver Output Voltage (RO) −0.3 V to (VCC + 0.3 V) Driver Output (A, B, Y, Z)/Receiver Input (A, B) Voltage −8 V to +13 V Driver Output Current ±250 mA Operating Temperature Range ADM307xEA_ −40°C to +85°C ADM307xEY_ −40°C to +125°C Storage Temperature Range −65°C to +150°C θJA Thermal Impedance 8-Lead SOIC_N 158°C/W 14-Lead SOIC_N 120°C/W Lead Temperature, Soldering (20 sec) 260°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those indicated in the operational section of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
Similar Part No. - ADM3077E |
|
Similar Description - ADM3077E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |