Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDM41024LA15SOITR Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDM41024LA15SOITR
Description  1 Megabit Static RAM 128K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PDM41024LA15SOITR Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDM41024LA15SOITR Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41024LA15SOITR Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41024LA15SOITR Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41024LA15SOITR Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41024LA15SOITR Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41024LA15SOITR Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41024LA15SOITR Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41024LA15SOITR Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 3.3 - 4/09/98
1
1
2
3
4
5
6
7
8
9
10
11
12
Functional Block Diagram
Features
n High-speed access times
Com’l: 10, 12 and 15 ns
Ind’l: 12 and 15 ns
n Low power operation (typical)
- PDM41024SA
Active: 450 mW
Standby: 50 mW
- PDM41024LA
Active: 400 mW
Standby: 25mW
n Single +5V (±10%) power supply
n TTL-compatible inputs and outputs
n Packages
Plastic SOJ (300 mil) - TSO
Plastic SOJ (400 mil) - SO
Plastic TSOP (I)- T
Description
The PDM41024 is a high-performance CMOS static
RAM organized as 131,072 x 8 bits. Writing is
accomplished when the write enable (WE) and the
chip enable (CE1) inputs are both LOW and CE2 is
HIGH. Reading is accomplished when WE and CE2
remain HIGH and CE1 and OE are both LOW.
The PDM41024 operates from a single +5V power
supply and all the inputs and outputs are fully TTL-
compatible. The PDM41024 comes in two versions:
the standard power version (SA) and the low power
version (LA). The two versions are functionally the
same and differ only in their power consumption.
The PDM41024 is available in a 32-pin plastic TSOP
(I), and a 300-mil and 400-mil plastic SOJ.
A
A
0
16
I/O
I/O
0
7
CE1
WE
Addresses
Decoder
Memory
Matrix
Input
Data
Control
Column I/O
•••••
OE
CE2
Control
PDM41024
1 Megabit Static RAM
128K x 8-Bit


Similar Part No. - PDM41024LA15SOITR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41028 ETC1-PDM41028 Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SO ETC1-PDM41028LA10SO Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOA ETC1-PDM41028LA10SOA Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATR ETC1-PDM41028LA10SOATR Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
PDM41028LA10SOATY ETC1-PDM41028LA10SOATY Datasheet
236Kb / 8P
   1 Megabit Static RAM 256K x 4-Bit
More results

Similar Description - PDM41024LA15SOITR

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71024 IDT-IDT71024 Datasheet
68Kb / 8P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
71024S15YI IDT-71024S15YI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
List of Unclassifed Man...
IDT71024S15YGI ETC2-IDT71024S15YGI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Integrated Device Techn...
IDT71024S70 IDT-IDT71024S70 Datasheet
58Kb / 7P
   CMOS STATIC RAM 1 MEG (128K x 8-BIT)
logo
Renesas Technology Corp
71024S RENESAS-71024S Datasheet
312Kb / 9P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
Mar. 30.21
logo
Integrated Device Techn...
IDT71024S15TYI IDT-IDT71024S15TYI Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
IDT71024S20YG IDT-IDT71024S20YG Datasheet
254Kb / 8P
   CMOS Static RAM 1 Meg (128K x 8-Bit)
logo
Cypress Semiconductor
CY62128DV30 CYPRESS-CY62128DV30_06 Datasheet
574Kb / 11P
   1-Mb (128K x 8) Static RAM
CY62128EV30 CYPRESS-CY62128EV30 Datasheet
947Kb / 11P
   1 Mbit (128K x 8) Static RAM
CY7C109D CYPRESS-CY7C109D Datasheet
991Kb / 11P
   1-Mbit (128K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com