Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDC37M70X Datasheet(PDF) 54 Page - List of Unclassifed Manufacturers

Part # FDC37M70X
Description  Enhanced Super I/O Controller with Wake-Up
Download  194 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

FDC37M70X Datasheet(HTML) 54 Page - List of Unclassifed Manufacturers

Back Button FDC37M70X Datasheet HTML 50Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 51Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 52Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 53Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 54Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 55Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 56Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 57Page - List of Unclassifed Manufacturers FDC37M70X Datasheet HTML 58Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 194 page
background image
54
Read Deleted Data
This command is the same as the Read Data
command, only it operates on sectors that
contain a Deleted Data Address Mark at the
beginning of a Data Field.
Table 22 describes the effect of the SK bit on
the Read Deleted Data command execution and
results.
Except where noted in Table 22, the C or R
value of the sector address is automatically
incremented (see Table 23).
Table 22 - Skip Bit vs. Read Deleted Data Command
SK BIT
VALUE
DATA ADDRESS
MARK TYPE
ENCOUNTERED
RESULTS
SECTOR
READ?
CM BIT OF
ST2 SET?
DESCRIPTION
OF RESULTS
0
0
1
1
Normal Data
Deleted Data
Normal Data
Deleted Data
Yes
Yes
No
Yes
Yes
No
Yes
No
Address not
incremented.
Next sector not
searched for.
Normal
termination.
Normal
termination.
Sector not read
("skipped").
Normal
termination.
Read A Track
This command is similar to the Read Data
command except that the entire data field is
read continuously from each of the sectors of a
track.
Immediately after encountering a pulse
on the nINDEX pin, the FDC starts to read all
data fields on the track as continuous blocks of
data without regard to logical sector numbers. If
the FDC finds an error in the ID or DATA CRC
check bytes, it continues to read data from the
track and sets the appropriate error bits at the
end of the command. The FDC compares the
ID information read from each sector with the
specified value in the command and sets the
ND flag of Status Register 1 to a "1" if there is
no comparison.
Multi-track or skip operations
are not allowed with this command. The MT and
SK bits (bits D7 and D5 of the first command
byte respectively) should always be set to "0".
This
command
terminates
when
the
EOT
specified number of sectors has not been read.
If the FDC does not find an ID Address Mark on
the diskette after the second occurrence of a
pulse on the IDX pin, then it sets the IC code in
Status
Register
0
to
"01"
(abnormal
termination), sets the MA bit in Status Register
1 to "1", and terminates the command.


Similar Part No. - FDC37M70X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
More results

Similar Description - FDC37M70X

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
37B77X SMSC-37B77X Datasheet
573Kb / 196P
   ENHANCED SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707 Datasheet
810Kb / 194P
   SUPER I/O CONTROLLER WITH WAKE UP FEATURES
FDC37M707 SMSC-FDC37M707_07 Datasheet
690Kb / 194P
   Super I/O Controller with Wake-Up Features
FDC37M81 SMSC-FDC37M81 Datasheet
574Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37M81X SMSC-FDC37M81X Datasheet
693Kb / 198P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
FDC37B80X SMSC-FDC37B80X Datasheet
802Kb / 194P
   PC98/99 Compliant Enhanced Super I/O Controller with Keyboard/Mouse Wake-Up
LPC47M112 SMSC-LPC47M112 Datasheet
1Mb / 208P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
logo
List of Unclassifed Man...
FDC37C67X ETC1-FDC37C67X Datasheet
531Kb / 194P
   Enhanced Super I/O Controller with Fast IR
logo
SMSC Corporation
37C672 SMSC-37C672 Datasheet
965Kb / 173P
   ENHANCED SUPER I/O CONTROLLER WITH FAST IR
LPC47M112-MC SMSC-LPC47M112-MC Datasheet
1Mb / 193P
   ENHANCED SUPER I/O CONTROLLER WITH LPC INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com