Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1G0832 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AUP1G0832
Description  Low-power 3-input AND-OR gate
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G0832 Datasheet(HTML) 4 Page - NXP Semiconductors

  74AUP1G0832 Datasheet HTML 1Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 2Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 3Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 4Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 5Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 6Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G0832 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
74AUP1G0832_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Preliminary data sheet
Rev. 01.00 — 26 January 2006
4 of 19
Philips Semiconductors
74AUP1G0832
Low-power 3-input AND-OR gate
7.2 Pin description
8.
Functional description
8.1 Function table
[1]
H = HIGH voltage level;
L = LOW voltage level.
8.2 Logic configurations
Table 4:
Pin description
Symbol
Pin
Description
A
1
data input A
GND
2
ground (0 V)
B
3
data input B
Y
4
data output Y
VCC
5
supply voltage
C
6
data input C
Table 5:
Function table [1]
Input
Output
C
B
A
Y
LLLL
LLH
L
LH
LL
L
HHH
H
LLH
HL
HH
HHL
H
HHHH
Table 6:
Function selection table
Logic function
Figure
2-input AND
see Figure 5
2-input OR
see Figure 6 and 7
3-input gate with the Boolean function:
Y=(A
× B) + C
see Figure 8


Similar Part No. - 74AUP1G0832

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G0832GF NXP-74AUP1G0832GF Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G0832GM NXP-74AUP1G0832GM Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
logo
Nexperia B.V. All right...
74AUP1G0832GM NEXPERIA-74AUP1G0832GM Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
More results

Similar Description - 74AUP1G0832

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G0832 NEXPERIA-74AUP1G0832 Datasheet
259Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 6 - 14 January 2022
logo
NXP Semiconductors
74AUP1G0832 NXP-74AUP1G0832 Datasheet
95Kb / 16P
   Low-power 3-input AND-OR gate
Rev. 02-3 July 2009
74AUP1G3208 NXP-74AUP1G3208 Datasheet
94Kb / 16P
   Low-power 3-input OR-AND gate
Rev. 02-3 July 2009
74AUP1G3208GF NXP-74AUP1G3208GF Datasheet
264Kb / 19P
   Low-power 3-input OR-AND gate
Rev. 5-22 June 2012
74AUP1G3208 PHILIPS-74AUP1G3208 Datasheet
71Kb / 19P
   Low-power 3-input OR-AND gate
Rev.01.00-17 January 2006
logo
Nexperia B.V. All right...
74AUP1G3208 NEXPERIA-74AUP1G3208 Datasheet
276Kb / 18P
   Low-power 3-input OR-AND gate
Rev. 10 - 9 May 2023
logo
NXP Semiconductors
74AUP1G332 PHILIPS-74AUP1G332 Datasheet
67Kb / 18P
   Low-power 3-input OR gate
Rev.01.00-27 February2006
74AUP1G332 NXP-74AUP1G332 Datasheet
91Kb / 16P
   Low-power 3-input OR gate
Rev. 02-29 February 2008
logo
Nexperia B.V. All right...
74AUP1G332 NEXPERIA-74AUP1G332 Datasheet
252Kb / 16P
   Low-power 3-input OR-gate
Rev. 7 - 20 January 2022
74AUP1G386 NEXPERIA-74AUP1G386 Datasheet
255Kb / 16P
   Low-power 3-input EXCLUSIVE-OR gate
Rev. 8 - 21 January 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com