Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OR3005230W Datasheet(PDF) 3 Page - PREMIER DEVICES, INC.

Part # OR3005230W
Description  Superior return loss performance
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PDI [PREMIER DEVICES, INC.]
Direct Link  http://www.premierdevicesinc.com/
Logo PDI - PREMIER DEVICES, INC.

OR3005230W Datasheet(HTML) 3 Page - PREMIER DEVICES, INC.

  OR3005230W Datasheet HTML 1Page - PREMIER DEVICES, INC. OR3005230W Datasheet HTML 2Page - PREMIER DEVICES, INC. OR3005230W Datasheet HTML 3Page - PREMIER DEVICES, INC. OR3005230W Datasheet HTML 4Page - PREMIER DEVICES, INC.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Preliminary Product Specification
OR3005230W
Si Optical Receiver, 5 – 300MHz, 190mA max. @ 24VDC
Page 3 of 4
2005 July 12
Document Revision Level B
Pinning:
European
Projection
Notes:
M
Q
510mm
0
scale
B
N
L
F
A
D
H
øG
T
S
P
J
U
I
E
C
K
min
max
A44,4
44,8
B14,7
15,1
C21,4
22,4
D7,85
8,15
E
12,45
12,75
F38,0
38,2
G
3,95
4,2
H3,8
4,2
I25,2
25,6
J-
-
K4,0
4,4
L28,5
28,9
M11,1
12,1
N5,4
6,2
O0,23
0,27
P0,42
0,48
Q2,24
2,84
R2,04
3,04
S2,29
2,79
T4,83
5,33
U4,83
5,33
V4,8
5,2
W
5,08 ±0,25
5,08 ±0,25
5,0 ±0,2
5,35
0,45 ±0,03
2,54 ±0,3
2,54 ±0,5
2,54 ±0,25
28,7 ±0,2
11,6 ±0,5
5,8 ±0,4
0,25 ±0,02
25,4 ±0,2
4 +0,2 / -0.05
UNC 6-32
4,2 ±0,2
8 ±0,15
12,6 ±0,15
38,1 ±0,1
4 ±0,2
nominal
44,6 ±0,2
14,9 ±0,2
21,9 ±0,5
All Dimensions in mm:
1
PHOTODIODE CURRENT MONITOR
2GND
3GND
4PHOTODIODE BIAS
5+VB
6
7GND
8GND
9OUTPUT
V
W
R
Figure 2: Mechanical dimensions


Similar Part No. - OR3005230W

ManufacturerPart #DatasheetDescription
logo
Agere Systems
OR3C55 AGERE-OR3C55 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C55 AGERE-OR3C55 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C55-4BA256 AGERE-OR3C55-4BA256 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C55-4BA256I AGERE-OR3C55-4BA256I Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
OR3C55-4BA352 AGERE-OR3C55-4BA352 Datasheet
4Mb / 210P
   3C and 3T Field-Programmable Gate Arrays
More results

Similar Description - OR3005230W

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFOS601X RFMD-RFOS601X Datasheet
351Kb / 4P
   Superior Return Loss Performance
logo
PREMIER DEVICES, INC.
OS10040280G PDI-OS10040280G Datasheet
161Kb / 5P
   Superior return loss performance
OS10040280GW PDI-OS10040280GW Datasheet
159Kb / 5P
   Superior return loss performance
logo
Maxim Integrated Produc...
MAX4888B MAXIM-MAX4888B Datasheet
1Mb / 10P
   Superior Bandwidth Return Loss
Rev 0; 12/10
logo
E&E Magnetic Products L...
824-00270 EEMAGNETIC-824-00270 Datasheet
64Kb / 2P
   Enhanced crosstalk and return loss performance
824-00305R EEMAGNETIC-824-00305R Datasheet
623Kb / 3P
   Excellent crosstalk and return loss performance
824-00166 EEMAGNETIC-824-00166 Datasheet
142Kb / 3P
   Enhanced crosstalk and return loss performance
824-00261F EEMAGNETIC-824-00261F Datasheet
111Kb / 2P
   Enhanced crosstalk and return loss performance
logo
List of Unclassifed Man...
1505ABHDL ETC2-1505ABHDL Datasheet
896Kb / 4P
   Improved insulator materials sustain maximum return loss performance
logo
TT Electronics.
CAR TTELEC-CAR Datasheet
310Kb / 3P
   Superior moisture performance
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com