Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4302W Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PT7C4302W
Description  Real-time Clock Module (3-wire Interface)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4302W Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PT7C4302W Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4302W Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4302W Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4302W Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4302W Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4302W Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4302W Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C4302W Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C4302W Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0225(11/05)
Ver: 0
11
Data Sheet
PT7C4302
Real-time Clock Module (3-wire Interface)
RAM Burst Mode
The RAM command byte specifies burst mode operation. In this mode, the 31 RAM registers can be consecutively read or written
starting with bit 0 of address 0.
Note: PT7C4302 use 94H, 96H as test mode address. Customer should not use the address.
Maximum Ratings
StorageTemperature.......................................................................................................................-65oCto +150oC
AmbientTemperaturewithPowerApplied...........................................................................-40oCto +85oC
SupplyVoltagetoGroundPotential(VcctoGND) ..........................................................-0.3Vto +6.5V
DCInput(AllOtherInputsexceptVcc&GND)................................................................-0.3Vto +6.5V
DCOutputVoltage(SDA,/INTA,/INTBpins)..................................................................-0.3Vto +6.5V
PowerDissipation............................................................................................................................320mW(Dependon package)
Note:
Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect reliability.
Recommended Operating Conditions
Symbol
Description
Min
Type
Max
Unit
VCC1,VCC2 Power voltage. VCC = VCC2, when VCC2 > VCC1 + 0.2;
VCC = VCC1, when VCC1 > VCC2.
2
-
5.5
VIH
Input high level
2
-
VCC+0.3
VIL
Input low level
-0.3
-
0.3
V
TA
Operating temperature
-40
-
85
ºC


Similar Part No. - PT7C4302W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4302WE PERICOM-PT7C4302WE Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
PT7C4302WEX PERICOM-PT7C4302WEX Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
More results

Similar Description - PT7C4302W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302_15 Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
logo
RICOH electronics devic...
R2033K RICOH-R2033K Datasheet
582Kb / 50P
   3 wire interface Real-Time Clock ICs
logo
Epson Company
RTC-4513 EPSON-RTC-4513 Datasheet
45Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE)
logo
RICOH electronics devic...
R2045S RICOH-R2045S Datasheet
636Kb / 50P
   4-wire Serial Interface Real Time Clock Module
logo
Epson Company
RTC-4553 EPSON-RTC-4553 Datasheet
111Kb / 2P
   Real time clock module(SERIAL-INTERFACE REAL TIME CLOCK MODULE WITH SRAM)
logo
Seiko Instruments Inc
S-35199A01 SII-S-35199A01 Datasheet
594Kb / 54P
   3-WIRE REAL-TIME CLOCK
S35192A SII-S35192A Datasheet
2Mb / 42P
   3-WIRE REAL-TIME CLOCK
S-35190A SII-S-35190A Datasheet
783Kb / 53P
   3-WIRE REAL-TIME CLOCK
S-35192A SII-S-35192A Datasheet
680Kb / 41P
   3-WIRE REAL-TIME CLOCK
logo
Epson ToYoCom
RX-4801SA EPSONTOYOCOM-RX-4801SA Datasheet
382Kb / 2P
   SERIAL-INTERFACE REAL TIME CLOCK MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com