Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTE0211G04 Datasheet(PDF) 3 Page - ITT Industries

Part # RTE0211G04
Description  Low Profile Rotary DIP Switches
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RTE0211G04 Datasheet(HTML) 3 Page - ITT Industries

  RTE0211G04 Datasheet HTML 1Page - ITT Industries RTE0211G04 Datasheet HTML 2Page - ITT Industries RTE0211G04 Datasheet HTML 3Page - ITT Industries RTE0211G04 Datasheet HTML 4Page - ITT Industries RTE0211G04 Datasheet HTML 5Page - ITT Industries RTE0211G04 Datasheet HTML 6Page - ITT Industries RTE0211G04 Datasheet HTML 7Page - ITT Industries RTE0211G04 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dimensions are shown: Inch (mm )
Specifications and dimensions subject to change
www.ittcannon.com
I-22
I
C&K RTE Series
Low Profile Rotary DIP Switches
SWITCHES WITH STANDARD OPTIONS
.291
(7,4)
.283
(7,2)
.041.004
(1,050,1)
.10
(2,54)
.10
(2,54)
.368
(9,35)
.315
(8,0)
PART NUMBER
NO.
QTY
WITHOUT ESD PIN
WITH ESD PIN
POS.
FUNCTION
PER TUBE
RTE0200N03
RTE0210N03
2
SPDT
65
RTE0300N03
RTE0310N03
3
SP3T
65
RTE0400N03
RTE0400N03
4
SP4T
65
RTE1000N13
RTE1010N13
10
BCD
65
RTE1600N43
RTE1610N43
10
HEXADECIMAL
65
PC Mount
Right Angle Mount
NO.
PART NUMBER
POS.
FUNCTION
QUANTITY
RTE0400V03
4
SP4T
150 per box
RTE1000V13
10
BCD
150 per box
RTE1600V43
16
HEXADECIMAL
150 per box
Surface Mount
NO.
QUANTITY
PART NUMBER
POS.
FUNCTION
PER REEL
RTE0200G03
02
SPDT
1250
RTE0300G03
03
SPDT
1250
RTE0400G03
04
SP4T
1250
RTE1000G13
10
BCD
1250
RTE1600G43
16
HEXADECIMAL
1250
.291
(7,4)
.100
(2,54)
.100
(2,54)
.033
(0,85)
.315
(8,0)
.283
(7,2)
.197
(5,0)
.197
(5,0)
.024
(0,6)
.335
(8,5)
.10
(2,54)
.10
(2,54)
.020
(0,5)
.041.004
(1,050,1)
.20
(5,08)
.114
(2,9)
45˚0'
.25
(6,34)


Similar Part No. - RTE0211G04

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE0211G04 CK-COMPONENTS-RTE0211G04 Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
More results

Similar Description - RTE0211G04

ManufacturerPart #DatasheetDescription
logo
C&K Components
RTE CK-COMPONENTS-RTE_V02 Datasheet
834Kb / 6P
   Low Profile Rotary DIP Switches
15 Sep 22
RTEDIP CK-COMPONENTS-RTEDIP Datasheet
360Kb / 7P
   Low Profile Rotary DIP Switches
RTE CK-COMPONENTS-RTE Datasheet
382Kb / 7P
   Low Profile Rotary DIP Switches
logo
ITT Industries
RTE1000G13 ITT-RTE1000G13 Datasheet
428Kb / 8P
   Low Profile Rotary DIP Switches
logo
C&K Components
RTE CK-COMPONENTS-RTE_V01 Datasheet
809Kb / 6P
   Low Profile Rotary DIP Switches
2021
logo
Omron Electronics LLC
A6R OMRON-A6R Datasheet
231Kb / 4P
   Low-cost Rotary DIP Switches
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
   7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Grayhill, Inc
94HAB10WRT GRAYHILL-94HAB10WRT Datasheet
1Mb / 3P
   Rotary DIP Switches
logo
C&K Components
SDA CK-COMPONENTS-SDA Datasheet
208Kb / 3P
   Low Profile DIP Switches
logo
ITT Industries
SDA01H0BD ITT-SDA01H0BD Datasheet
251Kb / 3P
   Low Profile DIP Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com