Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RMDM-10P10PS1B1-A30 Datasheet(PDF) 7 Page - ITT Industries

Part # RMDM-10P10PS1B1-A30
Description  Micro-D Metal Shell - .050 Contact Spacing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

RMDM-10P10PS1B1-A30 Datasheet(HTML) 7 Page - ITT Industries

  RMDM-10P10PS1B1-A30 Datasheet HTML 1Page - ITT Industries RMDM-10P10PS1B1-A30 Datasheet HTML 2Page - ITT Industries RMDM-10P10PS1B1-A30 Datasheet HTML 3Page - ITT Industries RMDM-10P10PS1B1-A30 Datasheet HTML 4Page - ITT Industries RMDM-10P10PS1B1-A30 Datasheet HTML 5Page - ITT Industries RMDM-10P10PS1B1-A30 Datasheet HTML 6Page - ITT Industries RMDM-10P10PS1B1-A30 Datasheet HTML 7Page - ITT Industries RMDM-10P10PS1B1-A30 Datasheet HTML 8Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Micro-D Metal Shell - .050" Contact Spacing
MDM
Mounting Hardware Views (sizes 9-51)
13
www.ittcannon.com
Dimensions shown in inch (mm)
Specifications and dimensions subject to change
This hardware is factory installed.
.014 ± .004
(0.36 ± 0.10) ALLOWABLE
DIAMETRAL FLOAT
.020 (0.51) MAX. ALLOWABLE
AXIAL FLOAT
.150 ± .003
(3.81 ± .076)
.185 (4.70)
MAX
.093
(2.36)
REF.
.090 ± .0015
(2.29 ± 0.038)DIA
.031 ± .003
(0.79 ± 0.08)
MATING
FACE
MATING
FACE
#2-56
UNC-2A
.490
(12.45) MAX
.735 (18.67)
MAX.
MATING
FACE
CONNECTOR
SHOWN FOR
REF ONLY
HEX HEAD -
.050 (1.27) ACROSS FLATS
.050 (1.27) DEEP (REF)
.155
(3.94) MAX.
PART HAS A .040 (1.02)
MAX. AXIAL FLOAT
#2-56 UNC-2A
Jackscrew - (L) Low Profile
Jackscrew - (K) Standard Profile
Float Mount - (F)
Shown here is a cutaway view of the float mount for the MDM connector. The basic shell dimensions
are the same for the float mount and the screw mounting hole configurations. View shown is for standard
float mount front panel mounting. Reverse mounting is available on request.
* NOTE: Torque values are as follows:
Low Profile Jackscrew (L)-2.5 in-lbs
Standard Jackscrew (K)-2.5 in-lbs
PART HAS A .040 (1.02)
MAX AXIAL FLOAT
CONNECTOR
SHOWN FOR
REF. ONLY
Mounting Hardware to Military Specification (for sizes 9 - 100) per MIL-DTL-83513/5
This hardware supplied in kits unassembled (2 pieces of each item).
#2-56 UNC-2A
THREAD TYP.
PLUG (REF. WITH
.092 (2.34) DIA.
MOUNTING HOLES
POTTING WELL (REF.)
.361 (9.17) MAX.
.390 (9.91) MAX.
SIZE 100 ONLY
.010 (0.25)
TH'K (REF.)
.062 (1.57)
HEX. (REF.)
.868 (22.05) MAX.
.902 (22.91) MAX.
.010 (0.25)
TH'K (REF.)
#2-56 UNC-2A
THREAD TYP.
PLUG (REF.) WITH
.092 (2.34) DIA.
MOUNTING HOLES
POTTING WELL
(REF.)
Figure 1. Jackscrew - Low profile
Slotted Head
Size 9-51
Size 100*
Allen head
Optional Head Configuration
Plug and Receptacle
Low and High Profile
Size 9-51
Size 100* (same dimensions)
Figure 2. Jackscrew - High Profile
Slotted Head
Size 9-51
Size 100*
To order hardware kits separately, order either by M83513/5-** or by 320-950X-XXX.
Description
Slotted Head Jackscrew Assy Low Profile (Figure 1)
M5 320-9508-025
M6 320-9508-027
M2 320-9508-026
M3 320-9508-028
M7 320-9505-033
05
06
02
03
07
M15 320-9508-021
M16 320-9508-023
M12 320-9508-022
M13 320-9508-024
M17 320-9505-030
*Size 100 requires B1 size mounting holes for Mil-Spec hardware
Note: Torque values as follows:
Size 9-51 4.0 in-lbs
Size 100 6.0 in-lbs
15
16
12
13
17
Slotted Head Jackscrew Assy Low Profile (Figure 2)
Allen Head Jackscrew Assy Low Profile (Figure 1)
Allen Head Jackscrew Assy High Profile (Figure 2)
Jackpost Assy (Figure 3)
Size 9-51
Mod Code Part Number
Size 100*
Mod Code Part Number
* ** *
.125 (3.18) HEX.
.187 (4.75) HEX.
#2-56 UNC-2B THREAD
#4-40 UNC -2A THREAD
LOCKWASHER
RETAINING NUT
.154 (3.91) HEX.
.187 (4.75) HEX.
.062 ± .010
(.157 ± 0.25)
SIZE 100 SAME
.475 ± .025
(12.06 ± 0.64)
SIZE 100 SAME
.190/.185(4.83/4.70)
.185/.175(4.70/4.44)
Figure 3. Jackpost Assembly
Size 9-51
Size 100*


Similar Part No. - RMDM-10P10PS1B1-A30

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
RMD-10V102MG10U-R2 TAIYO-YUDEN-RMD-10V102MG10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V102MG10UQ-R2 TAIYO-YUDEN-RMD-10V102MG10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10U-R2 TAIYO-YUDEN-RMD-10V152MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-10V152MH10UQ-R2 TAIYO-YUDEN-RMD-10V152MH10UQ-R2 Datasheet
250Kb / 2P
   FOR AUTOMOTIVE VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
RMD-16V102MH10U-R2 TAIYO-YUDEN-RMD-16V102MH10U-R2 Datasheet
250Kb / 2P
   VERTICAL CHIP TYPE ALUMINUM ELECTROLYTIC CAPACITORS[RMD]
More results

Similar Description - RMDM-10P10PS1B1-A30

ManufacturerPart #DatasheetDescription
logo
ITT Industries
MDM-9PH003B ITT-MDM-9PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
015-9516-002 ITT-015-9516-002 Datasheet
385Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-9PH009L ITT-MDM-9PH009L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
logo
List of Unclassifed Man...
MDM-25PH001L ETC2-MDM-25PH001L Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDM-9PL1P ITT-MDM-9PL1P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050 Contact Spacing
025-9524-000 ITT-025-9524-000 Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
List of Unclassifed Man...
MDM-37PH003B ETC2-MDM-37PH003B Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
MDM-51PH001P ETC2-MDM-51PH001P Datasheet
391Kb / 11P
   Micro-D Metal Shell - .050" Contact Spacing
logo
ITT Industries
MDB1-9PH001P ITT-MDB1-9PH001P Datasheet
325Kb / 11P
   Micro-D Plastic Shell - .050 Contact Spacing
MDM-PCB ITT-MDM-PCB Datasheet
198Kb / 4P
   Micro-D PCB - .050 Contact Spacing
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com